Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38 Datasheet(PDF) 112 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 112 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 108Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 109Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 110Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 111Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 112Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 113Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 114Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 115Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 116Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-112
Remote Control Receive Counter Register
7
6
5
4
3
2
1
0
RXCTR
(00FEAH)
Read Only
(Initial value: 0000 0000)
Remote Control Receive Data Buffer Register
7
6
5
4
3
2
1
0
RXDBR
(00FEBH)
Read Only
(Initial value: 0000 0000)
Remote Control Receive Status Register
7
6
5
4
3
2
1
0
RXSR
(00FECH)
RBCTM
OVFF
SRM
RNCM
Read Only
(Initial value: 0000 *000)
RBCTM
Receive bit counter value
monitor
OVFF
8-bit up counter overflow flag
0:
No overflow
1:
Overflow
SRM
Data buffer register input
monitor
0:
Upper 4 bits of 8-bit up counter
< CREGA
1:
Upper 4 bits of 8-bit up counter
≥ CREGA
RNCM
Remote control signal monitor
after passing through noise
canceler
Read
only
*: Don’t care
Figure 2.10.3 Remote Control Receive Counter Register, Data Buffer Register, Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com