Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS10DFIV13 Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 29Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 30Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 31Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 32Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 33Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 34Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 35Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 36Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 33 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
5.4.6.8
DYB ASO
The system can access the DYB ASO by issuing the DYB entry command sequence during Read Mode. This entry command does
not use a sector address from the entry command. The DYB bit for a sector appears in bit 0 of all word locations in the sector.
The DYB ASO allows the following activities:
Read DYB protection status of a sector in bit 0 of any word in the sector.
Set the DYB bit using a modified Word Programming command.
Clear the DYB bit using a modified Word Programming command.
ASO Exit using legacy Command Set Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO - alternative for a consistent exit method.
5.4.6.9
Software (Command) Reset / ASO exit
Software reset is part of the command set (See Table 7.1 on page 55) that also returns the EAC to standby state and must be used
for the following conditions:
Exit ID/CFI mode
Clear timeout bit (DQ5) for data polling when timeout occurs
Software Reset does not affect EA mode. Reset commands are ignored once programming or erasure has begun, until the
operation is complete. Software Reset does not affect outputs; it serves primarily to return to Read Mode from an ASO mode or from
a failed program or erase operation.
Software Reset may cause a return to Read Mode from undefined states that might result from invalid command sequences.
However, a Hardware Reset may be required to return to normal operation from some undefined states.
There is no software reset latency requirement. The reset command is executed during the tWPH period.
5.4.6.10
ECC Status ASO
The system can access the ECC Status ASO by issuing the ECC Status entry command sequence during Read Mode. The contents
of the ECC Status ASO indicates, for the selected ECC page, whether ECC protection has corrected an error in the eight-bit error
correction code or the 16 Words of data in the ECC page.
The ECC Status ASO allows the following activities:
Read ECC Status for the selected page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com