Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS10DFIV13 Datasheet(PDF) 51 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 51 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 47Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 48Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 49Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 50Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 51Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 52Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 53Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 54Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 55Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 51 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
Table 5.23 Non-Volatile Protection Command State Transition
Current
State
Command
and
Condition
Read
Software
Reset /
ASO Exit
Status
Register
Read Enter
Status
Register
Clear
Command
Set Exit
Entry
Command
Set Exit
Program
Entry
DYB Set
Start
All PPB
Erase
Enter
All PPB
Erase Start
Address
RA
xh
x555h
x555h
xh
xh
xh
(SA)xh
Xh
0h
Data
RD
xF0h
x70h
x71h
x90h
x00h
xA0h
x00h
x80h
x30h
PPB
–
PPB
READ
PPBSR
(PPB)
PPB
PPBEXT
–
PPBPG1
–
PPBPG1
–
PPBPG1
–
PPBPG1
READ
–––
PPBPG
–
PPB
–
PPBER
PPBPG
SR(7) = 0
PPBPG
–
PPBSR
(PPBPG)
–
––––
––
SR(7) = 1
READ
READ
PPBER
SR(7) = 0
PPBER
–
PPBSR
(PPBER)
–
––––
––
SR(7) = 1
READ
READ
PPBSR
–
(return)
–––––––
––
PPBEXT
–
PPBEXT
––––
READ
-
-
––
Table 5.24 PPB Lock Bit Command State Transition
Current State
Command and
Condition
Read
Software Reset
/ ASO Exit
Status Register
Read Enter
Status Register
Clear
Command Set
Exit Entry
Command Set
Exit
Program Entry
Address
RA
xh
x555h
x555h
xh
xh
xh
Data
RD
xF0h
x70h
x71h
x90h
x00h
xA0h
PPBLB
–
PPBLB
READ
PPBLBSR
(PPBLB)
PPBLB
PPBLBEXT
–
PPBLBSET
PPBLBSR
–
(return)
–––
–––
PPBLBSET
–
PPBLBSET
–––
–
PPBLB
–
LR(2) = 0 and
LR(5) = 0
PPBLBEXT
–
PPBLBEXT
–––
–
READ
–
Table 5.25 Volatile Sector Protection Command State Transition
Current
State
Command
and
Condition
Read
Software
Reset / ASO
Exit
Status
Register
Read Enter
Status
Register
Clear
Command
Set Exit
Entry
Command
Set Exit
Program
Entry
DYB Set
Start
DYB Clear
Start
Address
RA
xh
x555h
x555h
xh
xh
xh
(SA)xh
(SA)xh
Data
RD
xF0h
x70h
x71h
x90h
x00h
xA0h
x00h
x01h
DYB
–
DYB
READ
DYBSR
(DYB)
DYB
DTBEXT
–
DYBSET
––
DYBSR
–
(return)
––––––––
DYBSET
–
DYBSET
––––––
DYB
DYB
DYBEXT
–
DYBEXT
––––
READ
–––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com