Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS10DFIV13 Datasheet(PDF) 100 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 100 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 96Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 97Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 98Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 99Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 100Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 101Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 102Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 103Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 104Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 100 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
Notes:
1. Additional speed, package, and temperature options maybe offered in the future. Check with your local sales representative for availability.
2. Package Type 0 is standard option.
Table 14.3 S29GL-S Valid Combinations — Automotive Grade (-40 °C to +105 °C)
S29GL-S Valid Combinations — Automotive Grade (-40 °C to +105 °C)
Base OPN
Speed
(ns)
Package and
Temperature
Model Number
Packing Type
Ordering Part Number (yy = Model
Number, x = Packing Type)
S29GL01GS
110
DHB, FHB,
TFB, GHB
(Note 1)
01, 02
0, 3 (Note 2)
S29GL01GS11DHByyx
S29GL01GS11FHByyx
S29GL01GS11TFByyx
120
V1, V2
S29GL01GS12DHByyx
S29GL01GS12FHByyx
S29GL01GS12TFByyx
S29GL512S
110
01, 02
S29GL512S11DHByyx
S29GL512S11FHByyx
S29GL512S11GHByyx
S29GL512S11TFByyx
120
V1, V2
S29GL512S12DHByyx
S29GL512S12FHByyx
S29GL512S12GHByyx
S29GL512S12TFByyx
S29GL256S
100
01, 02
S29GL256S10DHByyx
S29GL256S10FHByyx
S29GL256S10TFByyx
S29GL256S10GHByyx
110
V1, V2
S29GL256S11DHByyx
S29GL256S11FHByyx
S29GL256S11TFByyx
S29GL128S
100
01, 02
S29GL128S10DHByyx
S29GL128S10FHByyx
S29GL128S10TFByyx
S29GL128S10GHByyx
110
V1, V2
S29GL128S11DHByyx
S29GL128S11FHByyx
S29GL128S11TFByyx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com