Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS10DFIV13 Datasheet(PDF) 87 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 87 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 83Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 84Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 85Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 86Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 87Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 88Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 89Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 90Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 91Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 87 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
Note:
1. If this timing cannot be achieved, perform the following steps immediately after ASO Exit and before resuming normal processing: read one word from each of 64
unique 32 byte-aligned pages.
Figure 11.16 ASO Entry Timing
Note:
1. Applicable to any ASO entry command.
Figure 11.17 Data# Polling Timing Diagram (During Embedded Algorithms)
Note:
1. VA = Valid address. Illustration shows first status cycle after command sequence, last status read cycle, and array data read cycle.
Table 11.9 ASO Entry Timing
tASOSTART
Falling edge of CE# or address change whichever comes last
tASOEND
Rising edge of CE# or Rising edge of WE# whichever comes first
tASOENTRY
25 ns < tASOENTRY < 50 ns or tASOENTRY > 150 ns
CE#
WE#
Addresses
First command cycle to enter ASO
tASOSTART
tASOEND
tASOENTRY
WE#
CE#
OE#
High Z
tOE
High Z
DQ7
DQ6–DQ0
RY/BY#
tBUSY
Complement
True
Addresses
VA
tOEH
tCE
tCH
tOH
tDF
VA
VA
Status Data
Complement
Valid Data
Valid Data
tACC
tRC
Status Data
True



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com