Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40 Datasheet(PDF) 16 Page - Texas Instruments

Part # ADS54J40
Description  ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J40 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS54J40 Datasheet HTML 12Page - Texas Instruments ADS54J40 Datasheet HTML 13Page - Texas Instruments ADS54J40 Datasheet HTML 14Page - Texas Instruments ADS54J40 Datasheet HTML 15Page - Texas Instruments ADS54J40 Datasheet HTML 16Page - Texas Instruments ADS54J40 Datasheet HTML 17Page - Texas Instruments ADS54J40 Datasheet HTML 18Page - Texas Instruments ADS54J40 Datasheet HTML 19Page - Texas Instruments ADS54J40 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
Input Frequency (MHz)
0
100
200
300
400
500
600
700
55
60
65
70
75
80
85
90
95
D043
AIN = -6 dBFS
AIN = -3 dBFS
AIN = -1 dBFS
Input Frequency (MHz)
0
40
80 120 160 200 240 280 320 360 400 440 480
70
74
78
82
86
90
D018
Each Tone Amplitude (dBFS)
-35
-31
-27
-23
-19
-15
-11
-7
-104
-100
-96
-92
-88
-84
-80
-76
D015
Each Tone Amplitude (dBFS)
-35
-31
-27
-23
-19
-15
-11
-7
-106
-102
-98
-94
-90
-86
-82
-78
-74
-70
D016
Input Frequency (MHz)
0
100
200
300
400
500
-120
-100
-80
-60
-40
-20
0
D013
Each Tone Amplitude (dBFS)
-35
-31
-27
-23
-19
-15
-11
-7
-104
-100
-96
-92
-88
-84
-80
D014
16
ADS54J20
SBAS766B – MAY 2016 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = +85°C, ADC sampling rate = 1.0 GSPS,
50% clock duty cycle, AVDD3V = 3.0 V, AVDD = DVDD = 1.9 V, IOVDD = 1.15 V, –1-dBFS differential input, and 0-dB digital
gain (unless otherwise noted)
fIN1 = 470 MHz, fIN2 = 465 MHz, each tone at –36 dBFS,
IMD = 109.2 dBFS
Figure 15. FFT for Two-Tone Input Signal
(–36 dBFS)
fIN1 = 185 MHz, fIN2 = 190 MHz
Figure 16. Intermodulation Distortion vs Input Amplitude
(185 MHz and 190 MHz)
fIN1 = 365 MHz, fIN2 = 370 MHz
Figure 17. Intermodulation Distortion vs Input Amplitude
(365 MHz and 370 MHz)
fIN1 = 465 MHz, fIN2 = 470 MHz
Figure 18. Intermodulation Distortion vs Input Amplitude
(465 MHz and 470 MHz)
Figure 19. Spurious-Free Dynamic Range vs
Input Frequency
Figure 20. Interleaving Spur vs Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com