Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADS54J40
Description  ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J40 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS54J40 Datasheet HTML 35Page - Texas Instruments ADS54J40 Datasheet HTML 36Page - Texas Instruments ADS54J40 Datasheet HTML 37Page - Texas Instruments ADS54J40 Datasheet HTML 38Page - Texas Instruments ADS54J40 Datasheet HTML 39Page - Texas Instruments ADS54J40 Datasheet HTML 40Page - Texas Instruments ADS54J40 Datasheet HTML 41Page - Texas Instruments ADS54J40 Datasheet HTML 42Page - Texas Instruments ADS54J40 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
39
ADS54J20
www.ti.com
SBAS766B – MAY 2016 – REVISED JANUARY 2017
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.4.2.2 JESD204B Test Patterns
There are three different test patterns available in the transport layer of the JESD204B interface. The ADS54J20
supports a clock output, encoded, and a PRBS (215 – 1) pattern. These test patterns can be enabled via an SPI
register write and are located in the JESD digital page of the JESD bank.
8.4.2.3 JESD204B Frame
The JESD204B standard defines the following parameters:
•
L is the number of lanes per link.
•
M is the number of converters per device.
•
F is the number of octets per frame clock period, per lane.
•
S is the number of samples per frame per converter.
8.4.2.4 JESD204B Frame
Table 10 lists the available JESD204B formats and valid ranges for the ADS54J20 when the decimation filter is
not used. The ranges are limited by the SerDes lane rate and the maximum ADC sample frequency.
NOTE
The 16-bit data going to the JESD 8b, 10b encoder are formed by padding four 0s as
LSBs into the 12-bit ADC data.
Table 10. Default Interface Rates
L
M
F
S
DECIMATION
MINIMUM RATES
MAXIMUM RATES
SAMPLING
RATE (MSPS)
SERDES BIT
RATE (Gbps)
SAMPLING
RATE (MSPS)
SERDES BIT
RATE (Gbps)
4
2
1
1
Not used
250
2.5
1000
10.0
4
2
4
4
Not used
250
2.5
1000
10.0
8
2
2
4
Not used
500
2.5
1000
5.0
(1)
Blue shading indicates channel A and yellow shading indicates channel B.
NOTE
In the LMFS = 8224 row of Table 11, the sample order on the lanes is DA2, DA3, DA1,
and DA0 for channel A. Similarly for channel B, the sample order on the lanes is DB2,
DB3, DB1, and DB0.
The detailed frame assembly is shown in Table 11.
Table 11. Default Frame Assembly(1)
OUTPUT
LANE
LMFS = 4211
LMFS = 4244
LMFS = 8224
DA0
A3[11:4]
A3[3:0], 0000
DA1
A0[3:0], 0000
A2[11:4]
A2[3:0], 0000
A3[11:4]
A3[3:0], 0000
A2[11:4]
A2[3:0], 0000
DA2
A0[11:4]
A0[11:4]
A0[3:0], 0000
A1[11:4]
A1[3:0], 0000
A0[11:4]
A0[3:0], 0000
DA3
A1[11:4]
A1[3:0], 0000
DB0
B3[11:4]
B3[3:0], 0000
DB1
B0[3:0], 0000
B2[11:4]
B2[3:0], 0000
B3[11:4]
B3[3:0], 0000
B2[11:4]
B2[3:0], 0000
DB2
B0[11:4]
B0[11:4]
B0[3:0], 0000
B1[11:4]
B1[3:0], 0000
B0[11:4]
B0[3:0], 0000
DB3
B1[11:4]
B1[3:0], 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com