Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40 Datasheet(PDF) 56 Page - Texas Instruments

Part # ADS54J40
Description  ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J40 Datasheet(HTML) 56 Page - Texas Instruments

Back Button ADS54J40 Datasheet HTML 52Page - Texas Instruments ADS54J40 Datasheet HTML 53Page - Texas Instruments ADS54J40 Datasheet HTML 54Page - Texas Instruments ADS54J40 Datasheet HTML 55Page - Texas Instruments ADS54J40 Datasheet HTML 56Page - Texas Instruments ADS54J40 Datasheet HTML 57Page - Texas Instruments ADS54J40 Datasheet HTML 58Page - Texas Instruments ADS54J40 Datasheet HTML 59Page - Texas Instruments ADS54J40 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
56
ADS54J20
SBAS766B – MAY 2016 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.5.3.4.3
Register 42h (address = 42h), Main Digital Page (6800h)
Figure 101. Register 42h
7
6
5
4
3
2
1
0
0
0
0
0
0
NYQUIST ZONE
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 38. Register 42h Field Descriptions
Bit
Field
Type
Reset
Description
7-3
0
W
0h
Must write 0
2-0
NYQUIST ZONE
R/W
0h
The Nyquist zone must be selected for proper interleaving
correction. Nyquist refers to the device clock / 2. For a 1.0-
GSPS device clock, the Nyquist frequency is 500 MHz. The
CTRL NYQUIST register bit (register 4Eh, bit 7) must also be
set.
000 = First Nyquist zone (0 MHz to 500 MHz)
001 = Second Nyquist zone (500 MHz to 1000 MHz)
010 = Third Nyquist zone (1000 MHz to 1500 MHz)
All others = Not used
8.5.3.4.4
Register 43h (address = 43h), Main Digital Page (6800h)
Figure 102. Register 43h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
FORMAT SEL
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 39. Register 43h Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0
0
FORMAT SEL
R/W
0h
This bit changes the output format. Set the FORMAT EN bit to
enable control using this bit.
0 = Twos complement
1 = Offset binary
8.5.3.4.5
Register 44h (address = 44h), Main Digital Page (6800h)
Figure 103. Register 44h
7
6
5
4
3
2
1
0
0
DIGITAL GAIN
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Table 40. Register 44h Field Descriptions
Bit
Field
Type
Reset
Description
7
0
R/W
0h
Must write 0
6-0
DIGITAL GAIN
R/W
0h
These bits set the digital gain setting. The DIG GAIN EN register
bit (register 52h, bit 0) must be enabled to use these bits.
Gain in dB = 20log (digital gain / 32).
7Fh = 127 equals a digital gain of 9.5 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com