Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40 Datasheet(PDF) 36 Page - Texas Instruments

Part # ADS54J40
Description  ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J40 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS54J40 Datasheet HTML 32Page - Texas Instruments ADS54J40 Datasheet HTML 33Page - Texas Instruments ADS54J40 Datasheet HTML 34Page - Texas Instruments ADS54J40 Datasheet HTML 35Page - Texas Instruments ADS54J40 Datasheet HTML 36Page - Texas Instruments ADS54J40 Datasheet HTML 37Page - Texas Instruments ADS54J40 Datasheet HTML 38Page - Texas Instruments ADS54J40 Datasheet HTML 39Page - Texas Instruments ADS54J40 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address[11:0]
Register Data[7:0]
SDIN
SCLK
SEN
RESET
A11
A10
A9
A8
A7
A6
M
P
CH
0
1
1
0
36
ADS54J20
SBAS766B – MAY 2016 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.4.1.5 Serial Register Write: JESD Bank
The ADS54J20 is a dual-channel device and the JESD204B portion is configured individually for each channel by
using the CH bit. Note that the P bit must be set to 1 for register writes.
1. Drive the SEN pin low.
2. Select the JESD bank page. Note that the M bit = 1 and the P bit = 0.
–
Write address 4003h with 00h.
–
Write address 4005h with 01h to enable separate control for both channels.
–
For the main digital page: write address 4004h with 68h.
–
For the JESD digital page: write address 4004h with 69h.
–
For the JESD analog page: write address 4004h with 6Ah.
3. Set the M and P bits to 1, select channel A (CH = 0) or channel B (CH = 1), and write the register content as
shown in Figure 72. When a page is selected, multiple writes into the same page can be done.
Figure 72. JESD Serial Register Write Timing Diagram
8.4.1.5.1
Individual Channel Programming
By default, register writes are applied to both channels. To enable individual channel writes, write address 4005h
with 01h (default is 00h).
8.4.1.6 Serial Register Readout: JESD Bank
The content from one of the pages of the JESD bank can be read out by:
1. Driving the SEN pin low.
2. Selecting the JESD bank page. Note that the M bit = 1 and the P bit = 0.
–
Write address 4003h with 00h.
–
Write address 4005h with 01h to enable separate control for both channels.
–
For the main digital page: write address 4004h with 68h.
–
For the JESD digital page: write address 4004h with 69h.
–
For the JESD analog page: write address 4004h with 6Ah.
3. Setting the R/W, M, and P bits to 1, selecting channel A or channel B, and writing the address to be read
back.
4. Reading back the register content on the SDOUT pin; see Figure 73. When a page is selected, multiple read
backs from the same page can be done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com