Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40 Datasheet(PDF) 26 Page - Texas Instruments

Part # ADS54J40
Description  ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J40 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS54J40 Datasheet HTML 22Page - Texas Instruments ADS54J40 Datasheet HTML 23Page - Texas Instruments ADS54J40 Datasheet HTML 24Page - Texas Instruments ADS54J40 Datasheet HTML 25Page - Texas Instruments ADS54J40 Datasheet HTML 26Page - Texas Instruments ADS54J40 Datasheet HTML 27Page - Texas Instruments ADS54J40 Datasheet HTML 28Page - Texas Instruments ADS54J40 Datasheet HTML 29Page - Texas Instruments ADS54J40 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
BPF
4
LPF
Mode Selection Using
DECFIL MODE[3:0] Register Bits
cos(2 n Œ fmix / fS)
(1)
sin(2 n Œ fmix / fS)
(1)
Decimate-by-4, I-Data (At 250 MSPS)
Ch X
Interleaving
Engine,
Digital
Features
4
To JESD
Encoder
1.0 GSPS
Data, x(n)
LPF
2
LPF
4
Decimate-by-4 Q-Data (At 250 MSPS)
Default 12-Bit Data (At 1.0 GSPS)
Decimate-by-2 Data (At 500 MSPS)
Decimate-by-4 Data (At 250 MSPS)
Copyright © 2016, Texas Instruments Incorporated
Input Frequency (MHz)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
-18
-15
-12
-9
-6
-3
0
D056
26
ADS54J20
SBAS766B – MAY 2016 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Feature Description (continued)
The input bandwidth shown in Figure 58 is measured with respect to a 50-Ω differential input termination at the
ADC input pins.
Figure 58. Transfer Function versus Frequency
8.3.2 DDC Block
The ADS54J20 has an optional digital down-converter (DDC) block that can be enabled via an SPI register write.
Each ADC channel is followed by a DDC block consisting of three different decimate-by-2 and decimate-by-4
finite impulse response (FIR) half-band filter options. The different decimation filter options can be selected via
SPI programming.
Figure 59 shows the signal processing done inside the DDC block of the ADS54J20.
(1)
In IQ decimate-by-4 mode, the mixer frequency is fixed at fmix = fS / 4. For fS = 1.0 GSPS and fmix = 250 MHz.
Figure 59. DDC Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com