Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS54J40
Description  ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J40 Datasheet(HTML) 2 Page - Texas Instruments

  ADS54J40 Datasheet HTML 1Page - Texas Instruments ADS54J40 Datasheet HTML 2Page - Texas Instruments ADS54J40 Datasheet HTML 3Page - Texas Instruments ADS54J40 Datasheet HTML 4Page - Texas Instruments ADS54J40 Datasheet HTML 5Page - Texas Instruments ADS54J40 Datasheet HTML 6Page - Texas Instruments ADS54J40 Datasheet HTML 7Page - Texas Instruments ADS54J40 Datasheet HTML 8Page - Texas Instruments ADS54J40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
2
ADS54J20
SBAS766B – MAY 2016 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information .................................................. 6
7.5
Electrical Characteristics........................................... 7
7.6
AC Characteristics .................................................... 8
7.7
Digital Characteristics ............................................. 11
7.8
Timing Characteristics............................................. 12
7.9
Typical Characteristics ............................................ 14
7.10
Typical Characteristics: Contour ........................... 23
8
Detailed Description ............................................ 24
8.1
Overview ................................................................. 24
8.2
Functional Block Diagram ....................................... 24
8.3
Feature Description................................................. 25
8.4
Device Functional Modes........................................ 33
8.5
Register Maps ......................................................... 44
9
Application and Implementation ........................ 68
9.1
Application Information............................................ 68
9.2
Typical Application .................................................. 73
10
Power Supply Recommendations ..................... 75
10.1
Power Sequencing and Initialization ..................... 76
11
Layout................................................................... 77
11.1
Layout Guidelines ................................................. 77
11.2
Layout Example .................................................... 78
12
Device and Documentation Support ................. 79
12.1
Documentation Support ........................................ 79
12.2
Receiving Notification of Documentation Updates 79
12.3
Community Resources.......................................... 79
12.4
Trademarks ........................................................... 79
12.5
Electrostatic Discharge Caution ............................ 79
12.6
Glossary ................................................................ 79
13
Mechanical, Packaging, and Orderable
Information ........................................................... 79
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (May 2016) to Revision B
Page
•
Changed the Device Comparison Table................................................................................................................................. 3
•
Added the FOVR latency parameter to the Timing Characteristics table............................................................................. 12
•
Added SYSREF Not Present (Subclass 0, 2) section .......................................................................................................... 30
•
Changed the number of clock cycles in the Fast OVR section ............................................................................................ 31
•
Changed the Register Map................................................................................................................................................... 45
•
Deleted register 39h, 3Ah, and 56h ..................................................................................................................................... 45
•
Changed Power Supply Recommendations section ........................................................................................................... 75
•
Added the Power Sequencing and Initialization section....................................................................................................... 76
•
Added the Receiving Notification of Documentation Updates section ................................................................................. 79
Changes from Original (May 2016) to Revision A
Page
•
Released to production .......................................................................................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com