Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS54J40
Description  ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J40 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS54J40 Datasheet HTML 17Page - Texas Instruments ADS54J40 Datasheet HTML 18Page - Texas Instruments ADS54J40 Datasheet HTML 19Page - Texas Instruments ADS54J40 Datasheet HTML 20Page - Texas Instruments ADS54J40 Datasheet HTML 21Page - Texas Instruments ADS54J40 Datasheet HTML 22Page - Texas Instruments ADS54J40 Datasheet HTML 23Page - Texas Instruments ADS54J40 Datasheet HTML 24Page - Texas Instruments ADS54J40 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
Input Frequency (MHz)
0
25
50
75
100
125
-120
-100
-80
-60
-40
-20
0
D047
Input Frequency (MHz)
0
25
50
75
100
125
-120
-100
-80
-60
-40
-20
0
D048
Sampling Speed (MSPS)
500
550
600
650
700
750
800
850
900
950 1000
1
1.5
2
2.5
3
3.5
4
D042
Temperature (°C)
-40
-15
10
35
60
85
100
2.64
200
2.66
300
2.68
400
2.7
500
2.72
600
2.74
700
2.76
800
2.78
D045
I DVDD (mA)
I AVDD (mA)
I IOVDD (mA)
I AVDD3 (mA)
Total Power (W)
Frequency of Input Common-Mode Signal (MHz)
0
50
100
150
200
250
300
-55
-50
-45
-40
-35
-30
-25
-20
D040
Input Frequency (MHz)
0
100
200
300
400
500
-120
-100
-80
-60
-40
-20
0
D041
21
ADS54J20
www.ti.com
SBAS766B – MAY 2016 – REVISED JANUARY 2017
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = +85°C, ADC sampling rate = 1.0 GSPS,
50% clock duty cycle, AVDD3V = 3.0 V, AVDD = DVDD = 1.9 V, IOVDD = 1.15 V, –1-dBFS differential input, and 0-dB digital
gain (unless otherwise noted)
Figure 45. Common-Mode Rejection Ratio vs Signal
Frequency
Figure 46. Common-Mode Rejection Ratio FFT
Figure 47. Power Consumption vs Sampling Speed
Figure 48. Power vs Temperature
SNR = 70.5 dBFS, SINAD = 69.9 dBFS,
fS = 250 MHz, fIN = 60 MHz, SFDR = 88.6 dBc,
THD = 83 dBc, non HD2, HD3 spur = 99.96 dBc
Figure 49. FFT for 60-MHz Input Signal in
Decimate-by-4 Mode
SNR = 70.2 dBFS, SINAD = 69.6 dBFS,
fS = 250 MHz, fIN = 170 MHz, SFDR = 87 dBc,
non HD2, HD3 spur = 90.42 dBc
Figure 50. FFT for 170-MHz Input Signal in
Decimate-by-4 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com