Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40 Datasheet(PDF) 46 Page - Texas Instruments

Part # ADS54J40
Description  ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J40 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADS54J40 Datasheet HTML 42Page - Texas Instruments ADS54J40 Datasheet HTML 43Page - Texas Instruments ADS54J40 Datasheet HTML 44Page - Texas Instruments ADS54J40 Datasheet HTML 45Page - Texas Instruments ADS54J40 Datasheet HTML 46Page - Texas Instruments ADS54J40 Datasheet HTML 47Page - Texas Instruments ADS54J40 Datasheet HTML 48Page - Texas Instruments ADS54J40 Datasheet HTML 49Page - Texas Instruments ADS54J40 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
46
ADS54J20
SBAS766B – MAY 2016 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table 15. Register Map (continued)
REGISTER
ADDRESS
REGISTER DATA
A[11:0] (Hex)
7
6
5
4
3
2
1
0
JESD DIGITAL PAGE (6900h)
0
CTRL K
0
0
TESTMODE
EN
FLIP ADC
DATA
LANE ALIGN
FRAME ALIGN
TX LINK DIS
1
SYNC REG
SYNC REG EN
JESD FILTER
JESD MODE
2
LINK LAYER TESTMODE
LINK LAYER
RPAT
LMFC MASK
RESET
0
0
0
3
FORCE LMFC
COUNT
LMFC COUNT INIT
RELEASE ILANE SEQ
5
SCRAMBLE
EN
0
0
0
0
0
0
0
6
0
0
0
FRAMES PER MULTI FRAME (K)
7
0
0
0
0
SUBCLASS
0
0
0
16
1
0
0
LANE SHARE
0
0
0
0
31
DA_BUS_REORDER[7:0]
32
DB_BUS_REORDER[7:0]
JESD ANALOG PAGE (6A00h)
12
SEL EMP LANE 1
0
0
13
SEL EMP LANE 0
0
0
14
SEL EMP LANE 2
0
0
15
SEL EMP LANE 3
0
0
16
0
0
0
0
0
0
JESD PLL MODE
17
0
PLL RESET
0
0
0
0
0
0
1A
0
0
0
0
0
0
FOVR CHA
0
1B
JESD SWING
0
FOVR CHA EN
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com