Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS54J40
Description  ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J40 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS54J40 Datasheet HTML 2Page - Texas Instruments ADS54J40 Datasheet HTML 3Page - Texas Instruments ADS54J40 Datasheet HTML 4Page - Texas Instruments ADS54J40 Datasheet HTML 5Page - Texas Instruments ADS54J40 Datasheet HTML 6Page - Texas Instruments ADS54J40 Datasheet HTML 7Page - Texas Instruments ADS54J40 Datasheet HTML 8Page - Texas Instruments ADS54J40 Datasheet HTML 9Page - Texas Instruments ADS54J40 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
6
ADS54J20
SBAS766B – MAY 2016 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
SYSREF must be applied for the device to initialize; see the SYSREF Signal section for details.
(2)
After power-up, always use a hardware reset to reset the device for the first time; see Table 65 for details.
(3)
Operating 0.5 dB below the maximum-supported amplitude is recommended to accommodate gain mismatch in interleaving ADCs.
(4)
At high frequencies, the maximum supported input amplitude reduces; see Figure 36 for details.
(5)
See Table 10 and Table 12.
(6)
Prolonged use above the nominal junction temperature can increase the device failure-in-time (FIT) rate.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
NOM
MAX
UNIT
Supply voltage range
AVDD3V
2.85
3.0
3.6
V
AVDD
1.8
1.9
2.0
DVDD
1.7
1.9
2.0
IOVDD
1.1
1.15
1.2
Analog inputs
Differential input voltage range
1.9
VPP
Input common-mode voltage
2.0
V
Maximum analog input frequency for a 1.9-VPP input
amplitude(3)(4)
400
MHz
Clock inputs
Input clock frequency, device clock frequency
250(5)
1000
MHz
Input clock amplitude differential
(VCLKP – VCLKM)
Sine wave, ac-coupled
0.75
1.5
VPP
LVPECL, ac-coupled
0.8
1.6
LVDS, ac-coupled
0.7
Input device clock duty cycle
45%
50%
55%
Temperature
Operating free-air, TA
–40
85
ºC
Operating junction, TJ
105(6)
125
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
ADS54J20
UNIT
RMP (VQFNP)
72 PINS
RθJA
Junction-to-ambient thermal resistance
22.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
5.1
°C/W
RθJB
Junction-to-board thermal resistance
2.4
°C/W
ψJT
Junction-to-top characterization parameter
0.1
°C/W
ψJB
Junction-to-board characterization parameter
2.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com