Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40 Datasheet(PDF) 66 Page - Texas Instruments

Part # ADS54J40
Description  ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J40 Datasheet(HTML) 66 Page - Texas Instruments

Back Button ADS54J40 Datasheet HTML 62Page - Texas Instruments ADS54J40 Datasheet HTML 63Page - Texas Instruments ADS54J40 Datasheet HTML 64Page - Texas Instruments ADS54J40 Datasheet HTML 65Page - Texas Instruments ADS54J40 Datasheet HTML 66Page - Texas Instruments ADS54J40 Datasheet HTML 67Page - Texas Instruments ADS54J40 Datasheet HTML 68Page - Texas Instruments ADS54J40 Datasheet HTML 69Page - Texas Instruments ADS54J40 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
66
ADS54J20
SBAS766B – MAY 2016 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.5.3.6 JESD Analog Page (6A00h) Registers
8.5.3.6.1
Registers 12h-5h (addresses = 12h-5h), JESD Analog Page (6A00h)
Figure 122. Register 12h
7
6
5
4
3
2
1
0
SEL EMP LANE 1
0
0
R/W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Figure 123. Register 13h
7
6
5
4
3
2
1
0
SEL EMP LANE 0
0
0
R/W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Figure 124. Register 14h
7
6
5
4
3
2
1
0
SEL EMP LANE 2
0
0
R/W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Figure 125. Register 15h
7
6
5
4
3
2
1
0
SEL EMP LANE 3
0
0
R/W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 60. Registers 12h-15h Field Descriptions
Bit
Field
Type
Reset
Description
7-2
SEL EMP LANE x
(where x = 1, 0, 2, or 3)
R/W
0h
These bits select the amount of de-emphasis for the JESD
output transmitter. The de-emphasis value in decibels (dB) is
measured as the ratio between the peak value after the signal
transition to the settled value of the voltage in one bit period.
000000 = 0 dB
000001 = –1 dB
000011 = –2 dB
000111 = –4.1 dB
001111 = –6.2 dB
011111 = –8.2 dB
111111 = –11.5 dB
1-0
0
W-0h
0h
Must write 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com