Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40 Datasheet(PDF) 43 Page - Texas Instruments

Part # ADS54J40
Description  ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J40 Datasheet(HTML) 43 Page - Texas Instruments

Back Button ADS54J40 Datasheet HTML 39Page - Texas Instruments ADS54J40 Datasheet HTML 40Page - Texas Instruments ADS54J40 Datasheet HTML 41Page - Texas Instruments ADS54J40 Datasheet HTML 42Page - Texas Instruments ADS54J40 Datasheet HTML 43Page - Texas Instruments ADS54J40 Datasheet HTML 44Page - Texas Instruments ADS54J40 Datasheet HTML 45Page - Texas Instruments ADS54J40 Datasheet HTML 46Page - Texas Instruments ADS54J40 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
43
ADS54J20
www.ti.com
SBAS766B – MAY 2016 – REVISED JANUARY 2017
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.4.2.5.2
Eye Diagrams
Figure 78 to Figure 81 show the serial output eye diagrams of the ADS54J20 at 5.0 Gbps and 10 Gbps with
default and increased output voltage swing against the JESD204B mask.
Figure 78. Eye Diagram at 5-Gbps Bit Rate with
Default Output Swing
Figure 79. Eye Diagram at 5-Gbps Bit Rate with
Increased Output Swing
Figure 80. Eye Diagram at 10-Gbps Bit Rate with
Default Output Swing
Figure 81. Eye Diagram at 10-Gbps Bit Rate with
Increased Output Swing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com