Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40 Datasheet(PDF) 76 Page - Texas Instruments

Part # ADS54J40
Description  ADS54J20 Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J40 Datasheet(HTML) 76 Page - Texas Instruments

Back Button ADS54J40 Datasheet HTML 72Page - Texas Instruments ADS54J40 Datasheet HTML 73Page - Texas Instruments ADS54J40 Datasheet HTML 74Page - Texas Instruments ADS54J40 Datasheet HTML 75Page - Texas Instruments ADS54J40 Datasheet HTML 76Page - Texas Instruments ADS54J40 Datasheet HTML 77Page - Texas Instruments ADS54J40 Datasheet HTML 78Page - Texas Instruments ADS54J40 Datasheet HTML 79Page - Texas Instruments ADS54J40 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
IOVDD = 1.15 V
DVDD = 1.9 V
AVDD = 1.9 V
AVDD = 3 V
76
ADS54J20
SBAS766B – MAY 2016 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
10.1 Power Sequencing and Initialization
Figure 138 shows the suggested power-up sequencing for the device. Note that the 1.15-V IOVDD supply must
rise before the 1.9-V DVDD supply. If the 1.9-V DVDD supply rises before the 1.15-V IOVDD supply, then the
internal default register settings may not load properly. The other supplies (the 3-V AVDD3V and the 1.9-V
AVDD), can come up in any order during the power sequence. The power supplies can ramp up at any rate and
there is no hard requirement for the time delay between IOVDD ramp up to DVDD ramp-up (can be in orders of
microseconds but is recommend to be a few milliseconds).
Figure 138. Power Sequencing for the ADS54Jxx Family of Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com