Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CB Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32WL33CB
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CB Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32WL33CB Datasheet HTML 43Page - STMicroelectronics STM32WL33CB Datasheet HTML 44Page - STMicroelectronics STM32WL33CB Datasheet HTML 45Page - STMicroelectronics STM32WL33CB Datasheet HTML 46Page - STMicroelectronics STM32WL33CB Datasheet HTML 47Page - STMicroelectronics STM32WL33CB Datasheet HTML 48Page - STMicroelectronics STM32WL33CB Datasheet HTML 49Page - STMicroelectronics STM32WL33CB Datasheet HTML 50Page - STMicroelectronics STM32WL33CB Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
Table 27. Sensitivity at 169 MHz (SMPS clock frequency= 4 MHz)
Parameter
Test condition
SMPS OFF
HPM/LPM SMPS ON
Unit
0.1% BER
1% BER
0.1% BER
1% BER
Sensitivity
BER @ 2-GFSK,
BT = 0.5
DR = 1.2 kbit/s, FDEV = 4 kHz,
CHF = 10 kHz
-123
-125
-123
-125
dBm
DR = 2.4 kbit/s, FDEV = 2.4 kHz,
CHF = 8 kHz
-121
-123
-121
-123
DR = 4.8 kbit/s, FDEV = 2.4 kHz,
CHF = 10 kHz
-121
-123
-121
-123
DR = 6.4 kbit/s, FDEV = 6.4 kHz,
CHF = 20 kHz
-117
-119
-117
-119
DR = 38.4 kbit/s, FDEV = 20 kHz,
CHF = 100 kHz
-112
-114
-112
-114
Sensitivity
BER @ 4-GFSK,
BT = 0.5
DR = 2.4 ks/s, FDEV = 1.2 kHz,
CHF = 5 kHz
-115
-118
-115
-118
dBm
DR = 4.8 ks/s, FDEV = 2.4 kHz,
CHF = 10 kHz
-112
-115
-112
-115
DR = 9.6 ks/s, FDEV = 4.8 kHz,
CHF = 20 kHz
-109
-112
-109
-112
Sensitivity
BER @ OOK
DR = 0.3 kbit/s, CHF = 1.7 kHz
-129
-132
-129
-132
dBm
DR = 1.2 kbit/s, CHF = 4 kHz
-124
-127
-123
-127
DR = 38.4 kbit/s, CHF = 120 kHz
-109
-112
-109
-112
Table 28. Blocking, selectivity and saturation at 169 MHz (SMPS clock frequency= 4 MHz)
Parameter
Test condition
HPM
LPM
Unit
Adjacent and Alternate channel rejection
0.1% BER @ 2-GFSK BT=0.5
FDEV=2.4 kHz, DR = 2.4 kbit/s, CHF =
8 kHz
Wanted signal = 10LOG10(CHFkHz)-117+
3 dB = -105 dBm
Interferer CW
Channel spacing = 12.5 kHz
AFC OFF, GMC = 0x0A
+12.5 kHz (adjacent channel)
-35.5
-37.7
dBm
-12.5 kHz (adjacent channel)
-35.4
-35.9
+25 kHz (alternate channel)
-35.3
-35.1
-25 kHz (alternate channel)
-35.5
-37.3
Selectivity and blocking 0.1%
BER @ 2-GFSK BT=0.5, FDEV=2.4 kHz,
DR = 2.4 kbit/s, CHF = 8 kHz
Wanted signal = 10LOG10(CHFkHz)-117+
3 dB = -105 dBm
AFC OFF, GMC = 0x0A
Not modulated interferer signal
-2 MHz
-26.5
-28.9
dBm
+2 MHz
-21.0
-20.5
-10 MHz
-15.8
-16.1
+10 MHz
-14.0
-14.7
-15 MHz
-14.6
-14.9
+15 MHz
-13.4
-14.0
Adjacent and Alternate channel rejection
0.1% BER @ 2-GFSK BT=0.5
FDEV = 6.4 kHz, DR = 6.4 kbit/s, CHF =
20 kHz
Wanted signal = 10LOG10(CHFkHz)-117+
3 dB = -101 dBm
Interferer CW
Channel spacing = 12.5 kHz
+12.5 kHz
(adjacent channel)
-35.5
-37.8
dBm
-12.5 kHz
(adjacent channel)
-35.5
-36.5
+25.5 kHz
(adjacent channel)
-35.2
-39.8
-25 kHz
-35.5
-38.5
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 47/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com