Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CB Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32WL33CB
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32WL33CB Datasheet HTML 38Page - STMicroelectronics STM32WL33CB Datasheet HTML 39Page - STMicroelectronics STM32WL33CB Datasheet HTML 40Page - STMicroelectronics STM32WL33CB Datasheet HTML 41Page - STMicroelectronics STM32WL33CB Datasheet HTML 42Page - STMicroelectronics STM32WL33CB Datasheet HTML 43Page - STMicroelectronics STM32WL33CB Datasheet HTML 44Page - STMicroelectronics STM32WL33CB Datasheet HTML 45Page - STMicroelectronics STM32WL33CB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
Table 14. Current consumption in Run and WFI mode with SMPS ON (SMPS frequency 4 MHz, SMPS Vout
=1.4 V)
Symbol
Parameter
Test condition
Typ.
VDD = 3.3 V
Unit
ICORE
Supply current
CPU in Run (16 MHz). Dhrystone, clock source PLL64
2172
µA
CPU in Run (32 MHz). Dhrystone, clock source PLL64
2532
µA
CPU in Run (64 MHz). Dhrystone, clock source PLL64
3210
µA
CPU in WFI (16 MHz), all peripherals off, clock source PLL64
1899
µA
CPU in WFI (32 MHz), all peripherals off, clock source PLL64
1984
µA
CPU in WFI (64 MHz), all peripherals off, clock source PLL64
2143
µA
IDYNAMIC Dynamic current
Computed value: (CPU 64 MHz Dhrystone - CPU 32 MHz Dhrystone) /
32
21.18
μA/MHz
Table 15. Current consumption in Run and WFI mode with SMPS bypassed
Symbol
Parameter
Test condition
Typ.
VDD = 3.3 V
Unit
ICORE
Supply current in Run mode
CPU in Run (16 MHz). Dhrystone, clock source PLL64
2422
µA
CPU in Run (32 MHz). Dhrystone, clock source PLL64
3245
µA
CPU in Run (64 MHz). Dhrystone, clock source PLL64
4771
µA
CPU in WFI (16 MHz), all peripherals off, clock source PLL64
1788
µA
CPU in WFI (32 MHz), all peripherals off, clock source PLL64
1989
µA
CPU in WFI (64 MHz), all peripherals off, clock source PLL64
2368
µA
IDYNAMIC Dynamic current
Computed value: (CPU 64 MHz Dhrystone - CPU 32 MHz
Dhrystone) / 32
47.68
µA/MHz
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 42/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com