Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CB Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32WL33CB
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CB Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32WL33CB Datasheet HTML 63Page - STMicroelectronics STM32WL33CB Datasheet HTML 64Page - STMicroelectronics STM32WL33CB Datasheet HTML 65Page - STMicroelectronics STM32WL33CB Datasheet HTML 66Page - STMicroelectronics STM32WL33CB Datasheet HTML 67Page - STMicroelectronics STM32WL33CB Datasheet HTML 68Page - STMicroelectronics STM32WL33CB Datasheet HTML 69Page - STMicroelectronics STM32WL33CB Datasheet HTML 70Page - STMicroelectronics STM32WL33CB Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
6.3.16
RSTN pin characteristics
The RSTN pin input driver uses the CMOS technology. It is connected to a permanent pull-up resistor, RPU.
Unless otherwise specified, the parameters given in the table below are derived from tests performed under the
ambient temperature and supply voltage conditions summarized in Section 6.3.1: Operating range.
Table 58. RSTN pin characteristics (specified by design - not tested in production)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIL(RSTN)
RSTN input low level
voltage
-
-
-
0.3 x VDD
V
VIH(RSTN)
RSTN input high level
voltage
-
0.7 x VDD
-
-
Vhys(RSTN)
RSTN Schmitt trigger
voltage hysteresis
-
-
200
-
mV
RPU
Weak pull up
equivalent resistor
VIN=GND
25
40
55
kΩ
Figure 15. Recommended RSTN pin protection
Note:
•
The reset network protects the device against parasitic resets.
•
The user must ensure that the level on the RSTN pin can go below the VIL(RSTN) maximum level
specified in Table 58, otherwise the reset is not taken into account by the device.
•
The external capacitor on RSTN must be placed as close as possible to the device.
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 67/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com