Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CB Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32WL33CB
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CB Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32WL33CB Datasheet HTML 34Page - STMicroelectronics STM32WL33CB Datasheet HTML 35Page - STMicroelectronics STM32WL33CB Datasheet HTML 36Page - STMicroelectronics STM32WL33CB Datasheet HTML 37Page - STMicroelectronics STM32WL33CB Datasheet HTML 38Page - STMicroelectronics STM32WL33CB Datasheet HTML 39Page - STMicroelectronics STM32WL33CB Datasheet HTML 40Page - STMicroelectronics STM32WL33CB Datasheet HTML 41Page - STMicroelectronics STM32WL33CB Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
6
Electrical characteristics
6.1
Parameter conditions
Unless otherwise specified, all voltages are referenced to ground (GND).
6.1.1
Minimum and maximum values
Unless otherwise specified, the minimum and maximum values are guaranteed in the following standard
conditions:
•
Ambient temperature is TA = 25 °C
•
Supply voltage is VDD: 3.3 V
•
System clock frequency is 64 MHz (clock source HSI)
•
SMPS clock frequency is 4 MHz, if not specified otherwise
Data based on characterization results, design simulation and/or technology characteristics are indicated in the
table footnotes and are not tested in production. Based on characterization, the minimum and maximum values
refer to sample tests and represent the mean value plus or minus three times the standard deviation (mean ±3σ).
6.1.2
Typical values
Unless otherwise specified, typical data are based on TA = 25 °C, VDD = 3.3 V. They are given only as design
guidelines and are not tested. Typical ADC accuracy values are determined by characterization of a batch of
samples from a standard diffusion lot over the full temperature range, where 95% of the devices have an error
less than or equal to the value indicated (mean ± 2σ).
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 38/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com