Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CB Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM32WL33CB
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CB Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM32WL33CB Datasheet HTML 54Page - STMicroelectronics STM32WL33CB Datasheet HTML 55Page - STMicroelectronics STM32WL33CB Datasheet HTML 56Page - STMicroelectronics STM32WL33CB Datasheet HTML 57Page - STMicroelectronics STM32WL33CB Datasheet HTML 58Page - STMicroelectronics STM32WL33CB Datasheet HTML 59Page - STMicroelectronics STM32WL33CB Datasheet HTML 60Page - STMicroelectronics STM32WL33CB Datasheet HTML 61Page - STMicroelectronics STM32WL33CB Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 91 page
background image
6.3.7.4
Harmonic emission at 915 MHz
Table 44. Harmonic emission at 915 MHz
Parameter
Test condition
10 dBm
16 dBm
20 dBm
Unit
H1
As detailed above
10
16
20
dBm
H2
As detailed above
-50
-42
-42
H3
As detailed above
-58
-55
-52
H4
As detailed above
-63
-59
-65
H5
As detailed above
-61
-55
-46
H6
As detailed above
-63
-34
-46
H7
As detailed above
-61
-58
-68
6.3.8
Frequency synthesizer
Characteristics measured over recommended operating conditions. All typical values are referred to 25 °C
temperature, VBAT = 3.3 V, SMPS ON Vsmps = 1.4 V, SMPS clock frequency = 4 MHz, HSE ON, GMC 0x0A,
WFI mode. The whole performance is referred to the reference design with a 50-ohm antenna connector.
Table 45. Frequency synthesizer parameters
Parameter
Test conditions
HPM
Unit
Frequency step size
For 433 MHz
5.72
Hz
For 868-915 MHz
11.44
RF carrier phase noise 433.5 MHz
10 kHz
-108
dBc/Hz
100 kHz
-112
1 MHz
-130
10 MHz
-147
RF carrier phase noise 868 MHz
10 kHz
-105
100 kHz
-108
1 MHz
-124
10 MHz
-142
RF carrier phase noise 915 MHz
10 kHz
-104
100 kHz
-108
1 MHz
-121
10 MHz
-140
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 58/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com