Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CB Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32WL33CB
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CB Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32WL33CB Datasheet HTML 32Page - STMicroelectronics STM32WL33CB Datasheet HTML 33Page - STMicroelectronics STM32WL33CB Datasheet HTML 34Page - STMicroelectronics STM32WL33CB Datasheet HTML 35Page - STMicroelectronics STM32WL33CB Datasheet HTML 36Page - STMicroelectronics STM32WL33CB Datasheet HTML 37Page - STMicroelectronics STM32WL33CB Datasheet HTML 38Page - STMicroelectronics STM32WL33CB Datasheet HTML 39Page - STMicroelectronics STM32WL33CB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
5
Application circuits
The schematics below are purely indicative.
Figure 11. STM32WL33xx application circuit without SMPS, VFQFPN48 package
GND
GND
C52
C13
GND
GND
C12
PA2
1
PA3
2
VDD_1
3
PB3
4
PB4
5
PB5
6
PA0
7
PA4
8
PA11
9
PA10
10
PA9
11
PA8
12
VDDRF
27
OSCOUT
28
OSCIN
29
PA1
30
PB7
31
PB11
32
PB10
33
PB9
34
PB8
35
NRST
36
TX_HP
25
TX
26
STM32WL33
GND
C61
GND
VDD
VDD
C37
GND
R49
VDD
C2
C6
C10
C9
GND
VDD
L5
GND
GND
Open
TX
Short
TX_HP
GND
L3
L4
L6
C11
GND
L10
GND
C54
GND
J1
C56
NM
C60
0R
L14
NM
C62
NM
C63
GND
GND
C66
48MHz
X1
C49
C50
GND
GND
L7
C15
C14
L8
GND
GND
VDD
GND
Matching network for exernal antenna
Matching network for LPAWUR path
VDD
VDD
STM32WL33xx
Application circuits
DS14221 - Rev 5
page 36/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com