Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CB Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32WL33CB
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CB Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32WL33CB Datasheet HTML 83Page - STMicroelectronics STM32WL33CB Datasheet HTML 84Page - STMicroelectronics STM32WL33CB Datasheet HTML 85Page - STMicroelectronics STM32WL33CB Datasheet HTML 86Page - STMicroelectronics STM32WL33CB Datasheet HTML 87Page - STMicroelectronics STM32WL33CB Datasheet HTML 88Page - STMicroelectronics STM32WL33CB Datasheet HTML 89Page - STMicroelectronics STM32WL33CB Datasheet HTML 90Page - STMicroelectronics STM32WL33CB Datasheet HTML 91Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 88 / 91 page
background image
List of tables
Table 1.
Definition of terms ................................................................... 5
Table 2.
SMPS output voltage ................................................................ 12
Table 3.
Pin description..................................................................... 32
Table 4.
Alternate function port A .............................................................. 34
Table 5.
Alternate function port B .............................................................. 35
Table 6.
Application circuit external components ................................................... 37
Table 7.
Absolute maximum ratings ............................................................ 39
Table 8.
Current characteristics ............................................................... 39
Table 9.
Thermal characteristics............................................................... 39
Table 10.
Operating range.................................................................... 40
Table 11.
Thermal data...................................................................... 40
Table 12.
Shutdown and Reset current ........................................................... 41
Table 13.
Current consumption in Deepstop mode ................................................... 41
Table 14.
Current consumption in Run and WFI mode with SMPS ON (SMPS frequency 4 MHz, SMPS Vout =1.4 V) ..... 42
Table 15.
Current consumption in Run and WFI mode with SMPS bypassed ................................. 42
Table 16.
Peripheral current consumption at VDD=3.3V, T=25°C System clock 32 MHz, SMPS ON ................. 43
Table 17.
Current consumption in reception, fc = 915 MHz ............................................. 44
Table 18.
Current consumption in reception, fc = 868 MHz (SMPS clock frequency = 4.27 MHz) ................... 44
Table 19.
Current consumption in reception, fc = 433 MHz ............................................. 44
Table 20.
Current consumption in transmission, fc = 433 MHz ........................................... 44
Table 21.
Current consumption in transmission mode, fc = 868 MHz....................................... 45
Table 22.
Current consumption in transmission mode, fc = 915 MHz....................................... 45
Table 23.
RF state transition times .............................................................. 45
Table 24.
General characteristics ............................................................... 45
Table 25.
Data rate with different coding options .................................................... 46
Table 26.
RF receiver characteristics ............................................................ 46
Table 27.
Sensitivity at 169 MHz (SMPS clock frequency= 4 MHz) ........................................ 47
Table 28.
Blocking, selectivity and saturation at 169 MHz (SMPS clock frequency= 4 MHz) ....................... 47
Table 29.
Saturation and image rejection at 169 MHz (SMPS clock frequency= 4 MHz) ......................... 48
Table 30.
Sensitivity at 433 MHz (SMPS clock frequency= 4 MHz) ........................................ 49
Table 31.
Blocking, selectivity and saturation at 433 MHz (SMPS clock frequency= 4 MHz) ....................... 49
Table 32.
Sensitivity at 868.5 MHz (SMPS clock frequency = 4.27 MHz) .................................... 50
Table 33.
Blocking, selectivity and saturation at 868 MHz (SMPS clock frequency = 4.27 MHz) .................... 51
Table 34.
Sensitivity at 915 MHz (SMPS clock frequency= 4 MHz) ........................................ 52
Table 35.
Blocking, selectivity and saturation at 915 MHz .............................................. 53
Table 36.
RF transmitter characteristics .......................................................... 54
Table 37.
PA impedance ..................................................................... 54
Table 38.
Regulatory standards ................................................................ 54
Table 39.
169 MHz Band +16 dBm RF transmitter characteristics......................................... 56
Table 40.
169 MHz Band +10 dBm RF transmitter characteristics......................................... 56
Table 41.
Current consumption in transmission mode, fc = 169 MHz....................................... 56
Table 42.
Harmonic emission at 433 MHz ......................................................... 57
Table 43.
Harmonic emission at 868 MHz ......................................................... 57
Table 44.
Harmonic emission at 915 MHz ......................................................... 58
Table 45.
Frequency synthesizer parameters....................................................... 58
Table 46.
Low-power autonomous wake-up receiver electrical specification.................................. 59
Table 47.
HSE frequency drift versus power supply drop ............................................... 61
Table 48.
HSE crystal requirements ............................................................. 61
Table 49.
HSE oscillator characteristics .......................................................... 62
Table 50.
Low-speed external user clock characteristics(1).............................................. 62
Table 51.
Low-speed external user clockcharacteristics(1) – Bypass mode................................... 63
Table 52.
LSI oscillator characteristics ........................................................... 64
Table 53.
Flash memory characteristics .......................................................... 64
STM32WL33xx
List of tables
DS14221 - Rev 5
page 88/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com