Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CB Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32WL33CB
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CB Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32WL33CB Datasheet HTML 60Page - STMicroelectronics STM32WL33CB Datasheet HTML 61Page - STMicroelectronics STM32WL33CB Datasheet HTML 62Page - STMicroelectronics STM32WL33CB Datasheet HTML 63Page - STMicroelectronics STM32WL33CB Datasheet HTML 64Page - STMicroelectronics STM32WL33CB Datasheet HTML 65Page - STMicroelectronics STM32WL33CB Datasheet HTML 66Page - STMicroelectronics STM32WL33CB Datasheet HTML 67Page - STMicroelectronics STM32WL33CB Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
6.3.12
Low-speed internal ring oscillator
Table 52. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min.(1)
Typ.(1)
Max.(1)
Unit
fLSI
nominal
LSI frequency
VDD=3.3V
TA = 30 °C
Typical corner
32.83
34.3
35.77
kHz
ΔfLSI /
fLSI(TA) /
TRange
Frequency variation
versus temperature
Standard deviation
-
140
-
ppm/ºC
1. Evaluated by characterization - not tested in production
6.3.13
Flash memory characteristics
The characteristics below are specified by design and not tested in production.
Table 53. Flash memory characteristics
Symbol
Parameter
Test conditions
Typ.
Max.
Unit
Tprog
32-bit programming time
-
20
40
µs
Tprog_burst
4x32-bit burst programming
time
-
4x20
4x40
tERASE
Page (2 kbyte) erase time
-
20
40
ms
tME
Mass erase time
-
20
40
IDD
Average consumption from
VDD
Write mode
3
-
mA
Erase mode
3
-
Mass erase
5
-
Table 54. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Min(1)
Unit
NEND
Endurance
TA= -40 to +105 ºC
10
kcycles
tRET
Data retention
1 kcycle(2) at TA = 85 °C
30
Years
1 kcycle(2) at TA = 105 °C
15
10 kcycles(2) at TA = 55 °C
30
10 kcycles(2) at TA = 85 °C
15
10 kcycles(2) at TA = 105 °C
10
1. Guaranteed by characterization results.
2. Cycling performed over the whole temperature range.
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 64/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com