Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CB Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32WL33CB
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CB Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32WL33CB Datasheet HTML 58Page - STMicroelectronics STM32WL33CB Datasheet HTML 59Page - STMicroelectronics STM32WL33CB Datasheet HTML 60Page - STMicroelectronics STM32WL33CB Datasheet HTML 61Page - STMicroelectronics STM32WL33CB Datasheet HTML 62Page - STMicroelectronics STM32WL33CB Datasheet HTML 63Page - STMicroelectronics STM32WL33CB Datasheet HTML 64Page - STMicroelectronics STM32WL33CB Datasheet HTML 65Page - STMicroelectronics STM32WL33CB Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 91 page
background image
Table 49. HSE oscillator characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
CHSE
OSCIN OSCOUT
internal capacitor
-
6.7(1)
10.6(2)
14.33(3)
pF
CHSEstep
OSCIN OSCOUT
internal capacitor
granularity 1-bit value
VBAT = 3.3 V
27 °C,
XOTUNE code between 32 and 33
-
0.12
-
pF
HSE start-
up time
Startup time for
amplitude stabilization
From HSE enable to amplitude
ready
-
155
-
µs
Gm
Programmable trans-
conductance of the
oscillator at start-up
ISTARTUP = 00
-
5.1
-
mS
ISTARTUP = 01
-
10.2
-
ISTARTUP = 10
-
20.4
-
1. XOTUNE programmed at minimum code = 0
2. XOTUNE programmed at center code = 32
3. XOTUNE programmed at maximum code = 63
6.3.11
Low speed external clock
The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal resonator oscillator. The
information provided in this section is based on design simulation results obtained with typical external
components specified in the table below. In the application, the resonator and the load capacitors have to be
placed as close as possible to the oscillator pins to minimize output distortion and startup stabilization time.
Refer to the crystal resonator manufacturer for more details on the resonator characteristics (frequency, package,
accuracy).
Table 50. Low-speed external user clock characteristics(1)
Symbol
Parameter
Conditions
Min Typ Max
Unit
IDD(LSE)
LSE current consumption
LSEDRV[1:0] =00 - Low drive capability
-
250
-
nA
LSEDRV[1:0] =01 - Medium-low drive capability
-
315
-
LSEDRV[1:0] =10 - Medium-high drive capability
-
500
-
LSEDRV[1:0] =11 - High drive capability
-
630
-
Gmcritmax
Maximum critical crystal gm
LSEDRV[1:0] =00 - low drive capability
-
-
0.50
µA/V
LSEDRV[1:0] =01 - medium-low drive capability
-
-
0.75
LSEDRV[1:0] =10 - medium-high drive capability
-
-
1.70
LSEDRV[1:0] =11 - high drive capability
-
-
2.70
tSU(LSE)(2)
Startup time
VDD stabilized
-
2
-
s
1. Guaranteed by design - not tested in production
2. tSU(LSE) is the startup time measured from the moment it is enabled (by software) until a stable 32.768 kHz oscillation is
reached. This value is measured for a standard crystal and it can vary significantly with the crystal manufacturer.
For more information onthe crystal selection, refer to application note Oscillator design guide for STM8AF/AL/S,
STM32 MCUs and MPUs (AN2867).
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 62/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com