Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CB Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32WL33CB
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32WL33CB Datasheet HTML 8Page - STMicroelectronics STM32WL33CB Datasheet HTML 9Page - STMicroelectronics STM32WL33CB Datasheet HTML 10Page - STMicroelectronics STM32WL33CB Datasheet HTML 11Page - STMicroelectronics STM32WL33CB Datasheet HTML 12Page - STMicroelectronics STM32WL33CB Datasheet HTML 13Page - STMicroelectronics STM32WL33CB Datasheet HTML 14Page - STMicroelectronics STM32WL33CB Datasheet HTML 15Page - STMicroelectronics STM32WL33CB Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
3.5
Power supply management
3.5.1
SMPS step-down converter
The device integrates a step-down converter to improve low power performance when the VDD (aka VDDIO)
voltage is high enough.
The SMPS output voltage can be programmed from 1.2 V to 2.4 V with a granularity of 100 mV. The SMPS output
voltage can be controlled by the PWRC_CR5.SMPSLVL[3:0] register.
The relation between the SMPSLVL and the VOUT of the SMPS is given by Table 2:
Table 2. SMPS output voltage
SMPSLV
VOUT
Min. VBATT
0
1.2 V
1.95 V
1
1.2 V
1.95 V
2
1.2 V
1.95 V
3
1.3 V
1.95 V
4
1.4 V
2.0 V
5
1.5 V
2.0 V
6
1.6 V
2.15 V
7
1.7 V
2.2 V
8
1.8 V
2.3 V
9
1.9 V
2.45 V
10
2.0 V
2.6 V
11
2.1 V
2.7 V
12
2.2 V
2.8 V
13
2.3 V
2.8 V
14
2.4 V
2.9 V
15
2.4 V
2.9 V
It is internally clocked at 4 MHz or 8 MHz. It can be clocked at a frequency in-between 4 MHz and 8 MHz by
means of the KRM feature. In this case the SMPS can be clocked at System Clock divided by 8 to 16 by unitary
steps. This feature is useful to avoid that the channel to be received is at a frequency that is an integer multiple of
the SMPS clock.
The device can operate without the internal SMPS either by using a dedicated hardware setting, or by using the
bypass-on-the-fly (BOF) feature. The bypass-on-the-fly permits internal connection of the SMPS output to the
battery via a current-limited switch (Static mode), or bypass of the SMPS by the use of an internal regulator
(dynamic). In both modes the SMPS is off while the bypass-on-the-fly is operating, and a programmable current
limitation is provided. The static mode connects the SMPS output to the battery after the first start-up of the
STM32WL33xx, and the connection is maintained until a reset occurs. In this case, the transmission is limited to
+14dBm. The dynamic mode bypasses the SMPS with a regulator. For instance, this can be done dynamically to
use the SMPS during transmission and to bypass the SMPS via a regulator during reception.
The SMPS has the following possible configurations:
•
SMPS_ON
–
the VFBSD pin of the SMPS outputs a regulated voltage (from 1.2V to 2.4V)
–
the SMPS needs a clock.
•
No SMPS
–
VFBSD pin must be connected or to an external supply or to VDD
–
VLXSD pin must be floating
–
the SMPS does not need a clock
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 12/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com