Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CB Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32WL33CB
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CB Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32WL33CB Datasheet HTML 36Page - STMicroelectronics STM32WL33CB Datasheet HTML 37Page - STMicroelectronics STM32WL33CB Datasheet HTML 38Page - STMicroelectronics STM32WL33CB Datasheet HTML 39Page - STMicroelectronics STM32WL33CB Datasheet HTML 40Page - STMicroelectronics STM32WL33CB Datasheet HTML 41Page - STMicroelectronics STM32WL33CB Datasheet HTML 42Page - STMicroelectronics STM32WL33CB Datasheet HTML 43Page - STMicroelectronics STM32WL33CB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
6.3
Operating conditions
6.3.1
Operating range
Table 10. Operating range
Parameter
Min.
Typ.
Max.
Unit
Operating battery supply voltage (VBAT)
1.7
3.3
3.6
V
Operating ambient temperature range
-40
25
+105
°C
6.3.2
Thermal properties
The maximum chip junction temperature (TJmax.) must never exceed the values in general operating conditions.
The maximum chip-junction temperature, TJ max., in degrees Celsius, can be calculated using the equation:
TJmax.=TAmax.+ PDmax×θJA
(1)
where:
•
TA max. is the maximum ambient temperature in °C
•
ΘJA is the package junction-to-ambient thermal resistance, in °C/W
•
PD max. is the sum of PINT max. and PI/O max. (PD max. = PINT max. + PI/O max.)
•
PINT max. is the product of IDD and VDD, expressed in Watts. This is the maximum chip internal power
PI/O max represents the maximum power dissipation on output pins:
•
PI/O max. = Σ (VOL × IOL) + Σ ((VDD – VOH) × IOH)
taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high level in the applications.
Table 11. Thermal data
Symbol
Parameter
Value
Unit
QJA
Thermal resistance junction-ambient VFQFPN48 - 6 mm x 6 mm
25.1
°C/W
Thermal resistance junction-ambient VFQFPN32 - 5 mm x 5 mm
26.9
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 40/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com