Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33CB Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32WL33CB
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CB Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32WL33CB Datasheet HTML 69Page - STMicroelectronics STM32WL33CB Datasheet HTML 70Page - STMicroelectronics STM32WL33CB Datasheet HTML 71Page - STMicroelectronics STM32WL33CB Datasheet HTML 72Page - STMicroelectronics STM32WL33CB Datasheet HTML 73Page - STMicroelectronics STM32WL33CB Datasheet HTML 74Page - STMicroelectronics STM32WL33CB Datasheet HTML 75Page - STMicroelectronics STM32WL33CB Datasheet HTML 76Page - STMicroelectronics STM32WL33CB Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
6.3.22
LCD characteristics
Table 65. Current consumption in Deepstop mode with LCD clock source LSI, duty 1/4, bias 1/3
Symbol
Parameter
Condition
Unit
Clock source
VDD (V)
-40 °C -20 °C
0 °C
27 °C
50 °C
85 °C
IDD
(Deepstop with
LCD)
Supply current
in Deepstop
with LCD(1)
Clock source
LSI, duty 1/4,
bias 1/3
1.8
1.5
1.58
1.72
2.23
3.59
11.37
µA
2.5
1.48
1.63
1.77
2.24
3.69
11.37
3.0
1.58
1.65
1.8
2.3
3.72
11.75
3.3
1.6
1.69
1.79
2.31
3.74
11.67
3.6
1.62
1.68
1.82
2.34
3.77
11.65
1. Guaranteed by characterization results.
Table 66. Current consumption in Deepstop mode with LCD clock source LSE, duty 1/4, bias 1/3
Symbol
Parameter
Condition
Unit
Clock source
VDD (V)
-40 °C -20 °C
0 °C
27 °C
50 °C
85 °C
IDD
(Deepstop with
LCD)
Supply current
in Deepstop
with LCD(1)
Clock source
LSE, duty 14,
bias 1/3
1.8
1.27
1.34
1.47
1.96
3.35
11.16
µA
2.5
1.25
1.38
1.51
2.02
3.44
11.06
3.0
1.35
1.42
1.53
2.05
3.44
11.2
3.3
1.36
1.44
1.57
2.09
3.5
11.23
3.6
1.41
1.47
1.6
2.13
3.55
11.44
1. Guaranteed by characterization results.
Table 67. Current consumption in Deepstop with LCD clock source LSI, duty 1/8, bias 1/4
Symbol
Parameter
Condition
Unit
Clock source
VDD (V)
-40 °C -20 °C
0 °C
27 °C
50 °C
85 °C
IDD
(Deepstop with
LCD)
Supply current
in Deepstop
with LCD(1)
Clock source
LS1, duty 1/8,
bias 1/4
1.8
1.52
1.58
1.73
2.19
3.65
11.62
µA
2.5
1.5
1.6
1.76
2.26
3.68
11.3
3.0
1.59
1.66
1.78
2.28
3.74
11.56
3.3
1.6
1.67
1.81
2.29
3.73
11.6
3.6
1.62
1.7
1.82
2.33
3.78
11.7
1. Guaranteed by characterization results.
Table 68. Current consumption in Deepstop with LCD clock source LSE, duty 1/8, bias 1/4
Symbol
Parameter
Condition
Unit
Clock source
VDD (V)
-40 °C -20 °C
0 °C
27 °C
50 °C
85 °C
IDD
(Deepstop with
LCD)
Supply current
in Deepstop
with LCD(1)
Clock source
LSE, duty 1/8,
bias 1/4
1.8
1.26
1.33
1.46
1.97
3.36
11.22
µA
2.5
1.26
1.37
1.53
2.01
3.47
11.44
3.0
1.36
1.41
1.56
2.07
3.45
11.26
3.3
1.37
1.46
1.58
2.08
3.52
11.31
3.6
1.41
1.48
1.61
2.12
3.55
11.4
1. Guaranteed by characterization results.
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 73/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com