Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4392IPFBT Datasheet(PDF) 2 Page - Texas Instruments

Part # SRC4392IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4392IPFBT Datasheet(HTML) 2 Page - Texas Instruments

  SRC4392IPFBT Datasheet HTML 1Page - Texas Instruments SRC4392IPFBT Datasheet HTML 2Page - Texas Instruments SRC4392IPFBT Datasheet HTML 3Page - Texas Instruments SRC4392IPFBT Datasheet HTML 4Page - Texas Instruments SRC4392IPFBT Datasheet HTML 5Page - Texas Instruments SRC4392IPFBT Datasheet HTML 6Page - Texas Instruments SRC4392IPFBT Datasheet HTML 7Page - Texas Instruments SRC4392IPFBT Datasheet HTML 8Page - Texas Instruments SRC4392IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 95 page
background image
SRC4392
SBFS029D – DECEMBER 2005 – REVISED DECEMBER 2012
www.ti.com
The DIR and DIT are compatible with the AES3,
APPLICATIONS
S/PDIF, IEC 60958, and EIAJ CP-1201 interface
•
DIGITAL AUDIO RECORDERS AND
standards. The audio serial ports, DIT, and SRC may
MIXING DESKS
be operated at sampling rates up to 216kHz. The DIR
•
DIGITAL AUDIO INTERFACES FOR
lock range includes sampling rates from 20kHz to
216kHz.
COMPUTERS
•
DIGITAL AUDIO ROUTERS AND
The SRC4392 is configured using on-chip control
DISTRIBUTION SYSTEMS
registers and data buffers, which are accessed
through either a 4-wire serial peripheral interface
•
BROADCAST STUDIO EQUIPMENT
(SPI) port, or a 2-wire Philips I2C bus interface.
•
DVD/CD RECORDERS
Status registers provide access to a variety of flag
•
SURROUND SOUND DECODERS AND
and error bits, which are derived from the various
A/V RECEIVERS
function blocks. An open drain interrupt output pin is
provided, and is supported by flexible interrupt
•
CAR AUDIO SYSTEMS
reporting and mask options via control register
settings. A master reset input pin is provided for
DESCRIPTION
initialization by a host processor or supervisory
The SRC4392 is a highly-integrated CMOS device
functions.
designed for use in professional and broadcast digital
The SRC4392 requires a +1.8V core logic supply, in
audio systems. The SRC4392 combines a high-
addition to a +3.3V supply for powering portions of
performance, two-channel, asynchronous sample rate
the DIR, DIT, and line driver and receiver functions. A
converter (SRC) with a digital audio interface receiver
separate logic I/O supply supports operation from
(DIR) and transmitter (DIT), two audio serial ports,
+1.65V to +3.6V, providing compatibility with low
and flexible distribution logic for interconnection of the
voltage logic interfaces typically found on digital
function block data and clocks.
signal processors and programmable logic devices.
The SRC4392 is available in a QFN-40 and a lead-
free, TQFP-48 package. The TQFN-48 is pin- and
register-compatible
with
the
Texas
Instruments
SRC4382 and DIX4192 products.
2
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Links: SRC4392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com