Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4392IPFBT Datasheet(PDF) 1 Page - Texas Instruments

Part # SRC4392IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4392IPFBT Datasheet(HTML) 1 Page - Texas Instruments

  SRC4392IPFBT Datasheet HTML 1Page - Texas Instruments SRC4392IPFBT Datasheet HTML 2Page - Texas Instruments SRC4392IPFBT Datasheet HTML 3Page - Texas Instruments SRC4392IPFBT Datasheet HTML 4Page - Texas Instruments SRC4392IPFBT Datasheet HTML 5Page - Texas Instruments SRC4392IPFBT Datasheet HTML 6Page - Texas Instruments SRC4392IPFBT Datasheet HTML 7Page - Texas Instruments SRC4392IPFBT Datasheet HTML 8Page - Texas Instruments SRC4392IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
SRC4392
www.ti.com
SBFS029D – DECEMBER 2005 – REVISED DECEMBER 2012
Two-Channel, Asynchronous Sample Rate Converter with
Integrated Digital Audio Interface Receiver and Transmitter
Check for Samples: SRC4392
1
FEATURES
234
•
Two-Channel Asynchronous Sample Rate
•
Digital Audio Interface Receiver (DIR)
Converter (SRC)
–
PLL Lock Range Includes Sampling Rates
–
Dynamic Range with –60dB Input (A-
from 20kHz to 216kHz
Weighted): 144dB typical
–
Includes Four Differential Input Line
–
Total Harmonic Distortion and Noise
Receivers and an Input Multiplexer
(THD+N) with Full-Scale Input: –140dB
–
Bypass Multiplexer Routes Line Receiver
typical
Outputs to Line Driver and Buffer Outputs
–
Supports Audio Input and Output Data
–
Block-Sized Data Buffers for Both Channel
Word Lengths Up to 24 Bits
Status and User Data
–
Supports Input and Output Sampling
–
Automatic Detection of Non-PCM Audio
Frequencies Up to 216kHz
Streams (DTS CD/LD and IEC 61937
–
Automatic Detection of the Input-to-Output
formats)
Sampling Ratio
–
Audio CD Q-Channel Sub-Code Decoding
–
Wide Input-to-Output Conversion Range:
and Data Buffer
16:1 to 1:16 Continuous
–
Status Registers and Interrupt Generation
–
Excellent Jitter Attenuation Characteristics
for Flag and Error Conditions
–
Digital De-Emphasis Filtering for 32kHz,
–
Low Jitter Recovered Clock Output
44.1kHz, and 48kHz Input Sampling Rates
•
Two Audio Serial Ports (Ports A and B)
–
Digital Output Attenuation and Mute
–
Synchronous Serial Interface to External
Functions
Signal Processors, Data Converters, and
–
Output Word Length Reduction
Logic
–
Status Registers and Interrupt Generation
–
Slave or Master Mode Operation with
for Sampling Ratio and Ready Flags
Sampling Rates up to 216kHz
•
Digital Audio Interface Transmitter (DIT)
–
Supports Left-Justified, Right-Justified, and
Philips I2S™ Data Formats
–
Supports Sampling Rates Up to 216kHz
–
Supports Audio Data Word Lengths Up to
–
Includes Differential Line Driver and
24 Bits
CMOS Buffered Outputs
•
Four General-Purpose Digital Outputs
–
Block-Sized Data Buffers for Both Channel
Status and User Data
–
Multifunction Programmable Via Control
Registers
–
Status Registers and Interrupt Generation
for Flag and Error Conditions
•
Extensive Power-Down Support
•
User-Selectable Serial Host Interface: SPI or
–
Functional Blocks May Be Disabled
Philips I2C™
Individually When Not In Use
–
Provides Access to On-Chip Registers and
•
Operates From +1.8V Core and +3.3V I/O
Data Buffers
Power Supplies
•
Packages:
U.S. Patent No. 7,262,716
–
QFN-40
–
Small TQFP-48 Package, Compatible with
the SRC4382 and DIX4192
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Dolby is a registered trademark of Dolby Laboratories.
3
I2C, I2S are trademarks of Koninklijke Philips Electronics N.V.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SRC4392IPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4392IPFBT BURR-BROWN-SRC4392IPFBT Datasheet
6Mb / 79P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - SRC4392IPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com