Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4392IPFBT Datasheet(PDF) 7 Page - Texas Instruments

Part # SRC4392IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4392IPFBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button SRC4392IPFBT Datasheet HTML 3Page - Texas Instruments SRC4392IPFBT Datasheet HTML 4Page - Texas Instruments SRC4392IPFBT Datasheet HTML 5Page - Texas Instruments SRC4392IPFBT Datasheet HTML 6Page - Texas Instruments SRC4392IPFBT Datasheet HTML 7Page - Texas Instruments SRC4392IPFBT Datasheet HTML 8Page - Texas Instruments SRC4392IPFBT Datasheet HTML 9Page - Texas Instruments SRC4392IPFBT Datasheet HTML 10Page - Texas Instruments SRC4392IPFBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
SRC4392
www.ti.com
SBFS029D – DECEMBER 2005 – REVISED DECEMBER 2012
ELECTRICAL CHARACTERISTICS: I
2C Standard and Fast Modes
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4392
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HOST INTERFACE: I2C Standard Mode(1)
SCL Clock Frequency, fSCL
0
100
kHz
Hold Time Repeated START Condition, tHDSTA
4
μs
Low Period of SCL Clock, tLOW
4.7
μs
High Period of SCL Clock, tHIGH
4
μs
Setup Time Repeated START Condition, tSUSTA
4.7
μs
Data Hold Time, tHDDAT
0(2)
3.45(3)
μs
Data Setup Time, tSUDAT
250
ns
Rise Time for Both SDA and SDL, tR
1000
ns
Fall Time for Both SDA and SDL, tF
300
ns
Setup Time for STOP Condition, tSUSTO
4
μs
Bus Free Time Between START and STOP, tBUF
4.7
μs
Capacitive Load for Each Bus Line, CB
400
pF
Noise Margin at Low Level (including hysteresis), VNL
0.1 × VIO
V
Noise Margin at High Level (including hysteresis), VNH
0.2 × VIO
V
HOST INTERFACE: I2C Fast Mode(1)
SCL Clock Frequency, fSCL
0
400
kHz
Hold Time Repeated START Condition, tHDSTA
0.6
μs
Low Period of SCL Clock, tLOW
1.3
μs
High Period of SCL Clock, tHIGH
0.6
μs
Setup Time Repeated START Condition, tSUSTA
0.6
μs
Data Hold Time, tHDDAT
0(2)
0.9(3)
μs
Data Setup Time, tSUDAT
100(4)
ns
Rise Time for Both SDA and SDL, tR
20 + 0.2CB
(5)
300
ns
Fall Time for Both SDA and SDL, tF
20 + 0.2CB
(5)
300
ns
Setup Time for STOP Condition, tSUSTO
0.6
μs
Bus Free Time Between START and STOP, tBUF
1.3
μs
Spike Pulse Width Suppressed by Input Filter, tSP
0
50
ns
Capacitive Load for Each Bus Line, CB
400
pF
Noise Margin at Low Level (including hysteresis), VNL
0.1 × VIO
V
Noise Margin at High Level (including hysteresis), VNH
0.2 × VIO
V
(1)
All values referred to the VIH minimum and VIL maximum levels listed in the Digital I/O Characteristics section of the Electrical
Characteristics: General, SRC, DIR, and DIT table.
(2)
A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIH minimum input level) to bridge the
undefined region of the falling edge of SCL.
(3)
The maximum tHDDAT has only to be met if the device does not stretch the Low period (tLOW) of the SCL signal.
(4)
A Fast mode I2C bus device can be used in a Standard mode I2C bus system, but the requirement that tSUDAT be 250ns minimum must
then be met. For the SRC4392, this is automatically the case, since the device does not stretch the Low period of the SCL signal.
(5)
CB is defined as the total capacitance of one bus line in picofarads (pF). If mixed with High-Speed mode devices, faster fall times are
allowed.
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SRC4392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com