Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4392IPFBT Datasheet(PDF) 44 Page - Texas Instruments

Part # SRC4392IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4392IPFBT Datasheet(HTML) 44 Page - Texas Instruments

Back Button SRC4392IPFBT Datasheet HTML 40Page - Texas Instruments SRC4392IPFBT Datasheet HTML 41Page - Texas Instruments SRC4392IPFBT Datasheet HTML 42Page - Texas Instruments SRC4392IPFBT Datasheet HTML 43Page - Texas Instruments SRC4392IPFBT Datasheet HTML 44Page - Texas Instruments SRC4392IPFBT Datasheet HTML 45Page - Texas Instruments SRC4392IPFBT Datasheet HTML 46Page - Texas Instruments SRC4392IPFBT Datasheet HTML 47Page - Texas Instruments SRC4392IPFBT Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 95 page
background image
(1)ToshibaTORX173,TORX176,TORX179,orequivalent.
+5V
SN74LVC1G125
orEquivalent
0.1mF
T RX+
o
ToRX-
All-Plastic
(5or10metersmaximum)
Optical
Receiver
(1)
VDD33
5
2
3
1
4
VDD33
0.1 F
m
ToRX+
ToRX-
All-Plastic
(5or10metersmaximum)
(1)ToshibaTORX141orequivalent.
Optical
Receiver
(1)
SRC4392
SBFS029D – DECEMBER 2005 – REVISED DECEMBER 2012
www.ti.com
Optical interfaces utilizing all-plastic fiber are commonly employed for consumer audio equipment where
interconnections are less than 10m in length. Optical receiver modules utilized for a digital audio interface
operate from either a single +3.3V or +5V supply and have a TTL-, CMOS-, or low-voltage CMOS-compatible
logic output. Interfacing to +3.3V optical receivers is straightforward when the optical receiver supply is powered
from the SRC4392 VDD33 power source, as shown in Figure 85. For the +5V optical receivers, the output high
logic level may exceed the SRC4392 line receiver absolute maximum input voltage. A level translator is required,
placed between the optical receiver output and the SRC4392 line receiver input. Figure 86 shows the
recommended input circuit when interfacing a +5V optical receiver to the SRC4392 line receiver inputs. The
Texas Instruments SN74LVC1G125 single buffer IC is operated from the same +3.3V supply used for SRC4392
VDD33 supply. This buffer includes a +5V tolerant digital input, and provides the logic level translation required
for the interface.
Figure 85. Interfacing to a +3.3V Optical Receiver Module
Figure 86. Interfacing to a +5V Optical Receiver Module
44
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Links: SRC4392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com