Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4392IPFBT Datasheet(PDF) 21 Page - Texas Instruments

Part # SRC4392IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4392IPFBT Datasheet(HTML) 21 Page - Texas Instruments

Back Button SRC4392IPFBT Datasheet HTML 17Page - Texas Instruments SRC4392IPFBT Datasheet HTML 18Page - Texas Instruments SRC4392IPFBT Datasheet HTML 19Page - Texas Instruments SRC4392IPFBT Datasheet HTML 20Page - Texas Instruments SRC4392IPFBT Datasheet HTML 21Page - Texas Instruments SRC4392IPFBT Datasheet HTML 22Page - Texas Instruments SRC4392IPFBT Datasheet HTML 23Page - Texas Instruments SRC4392IPFBT Datasheet HTML 24Page - Texas Instruments SRC4392IPFBT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
Frequency(kHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
-200
SRC4392
www.ti.com
SBFS029D – DECEMBER 2005 – REVISED DECEMBER 2012
TYPICAL CHARACTERISTICS (continued)
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise
noted.
IMD
(fSIN:fSOUT = 96kHz:48kHz, SMPTE/DIN 1:1, 10kHz and 11kHz, and –0.1dB Input Amplitude)
Figure 58.
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: SRC4392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com