Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4392IPFBT Datasheet(PDF) 46 Page - Texas Instruments

Part # SRC4392IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4392IPFBT Datasheet(HTML) 46 Page - Texas Instruments

Back Button SRC4392IPFBT Datasheet HTML 42Page - Texas Instruments SRC4392IPFBT Datasheet HTML 43Page - Texas Instruments SRC4392IPFBT Datasheet HTML 44Page - Texas Instruments SRC4392IPFBT Datasheet HTML 45Page - Texas Instruments SRC4392IPFBT Datasheet HTML 46Page - Texas Instruments SRC4392IPFBT Datasheet HTML 47Page - Texas Instruments SRC4392IPFBT Datasheet HTML 48Page - Texas Instruments SRC4392IPFBT Datasheet HTML 49Page - Texas Instruments SRC4392IPFBT Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 95 page
background image
(1)ToshibaTOTX141,TOTX173,TOTX176,TOTX179,orequivalent.
SN74AVC1T45
orEquivalent
IfVIO<+3.0V.
VIO
5
+3.3V
6
3
1
2
4
All-PlasticFiber
(5or10metersmaximum)
AESOUT
Optical
Transmitter
(1)
R1andR2areselectedtoachievethedesiredoutputvoltagelevelwhilemaintainingtherequired75
transmitteroutputimpedance.
W
TheTX+outputimpedanceisnegligible.
(a)Transformer-CoupledUnbalancedOutput
1:1
R2
0.1 F
m
TX+
DigitalOutput
75
Unbalan
W
ced
(RCAorBNCconnector)
R1
(b)UnbalancedOutputWithoutTransformer
R2
0.1mF
TX+
DigitalOutput
75
Unbalan
W
ced
(RCAorBNCconnector)
R1
SRC4392
SBFS029D – DECEMBER 2005 – REVISED DECEMBER 2012
www.ti.com
Figure 89. Unbalanced Line Output Interfaces
Optical interfaces utilizing all-plastic fiber are commonly employed for consumer audio equipment where
interconnections are less than 10m in length. Most optical transmitter modules utilized for a digital audio interface
operate from a single +3.3V or +5V supply and have a TTL compatible logic input. The CMOS buffered
transmitter output of the SRC4392, AESOUT (pin 34), is capable of driving the optical transmitter with VIO supply
voltages down to +3.0V. If the VIO supply voltage is less than +3.0V, then level translation logic is required to
drive the optical transmitter input. A good choice for this application is the Texas Instruments SN74AVC1T45
single bus transceiver. This device features two power-supply rails, one for the input side and one for the output
side. For this application, the input side supply is powered from the VIO supply, while the output side is powered
from a +3.3V supply. This will boost the logic high level to a voltage suitable for driving the TTL compatible input
configuration. Figure 90 shows the recommended optical transmitter interface circuits.
Figure 90. Interfacing to an Optical Transmitter Module
The AESOUT output may also be used to drive external logic or line driver devices directly. Figure 91 illustrates
the recommended logic interface techniques, including connections with and without level translation. Figure 92
illustrates an external line driver interface utilizing the Texas Instruments SN75ALS191 dual differential line
driver. If the VIO supply of the SRC4392 is set from +3.0V to +3.3V, no logic level translation is required between
the AESOUT output and the line driver input. If the VIO supply voltage is below this range, then the optional logic
level translation logic of Figure 92 is required. The SN75ALS191 dual line driver is especially useful in
applications where simultaneous 75
Ω and 110Ω line interfaces are required.
46
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Links: SRC4392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com