Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4392IPFBT Datasheet(PDF) 79 Page - Texas Instruments

Part # SRC4392IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4392IPFBT Datasheet(HTML) 79 Page - Texas Instruments

Back Button SRC4392IPFBT Datasheet HTML 75Page - Texas Instruments SRC4392IPFBT Datasheet HTML 76Page - Texas Instruments SRC4392IPFBT Datasheet HTML 77Page - Texas Instruments SRC4392IPFBT Datasheet HTML 78Page - Texas Instruments SRC4392IPFBT Datasheet HTML 79Page - Texas Instruments SRC4392IPFBT Datasheet HTML 80Page - Texas Instruments SRC4392IPFBT Datasheet HTML 81Page - Texas Instruments SRC4392IPFBT Datasheet HTML 82Page - Texas Instruments SRC4392IPFBT Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 95 page
background image
SRC4392
www.ti.com
SBFS029D – DECEMBER 2005 – REVISED DECEMBER 2012
Register 2E: SRC Control Register 2
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
AUTODEM
DEM1
DEM0
DDN
IGRP1
IGRP0
IGRP[1:0]
SRC Interpolation Filter Group Delay
These bits select the interpolation filter group delay by configuring the number of samples which
are pre-buffered prior to the re-sampler function.
IGRP1
IGRP0
Number of Samples Pre-Buffered
0
0
64 Samples (Default)
0
1
32 Samples
1
0
16 Samples
1
1
8 Samples
DDN
SRC Decimation Filter/Direct Down-Sampling Function
This bit selects the mode of the decimation function, either true decimation filter or direct down-
sampling without filtering.
DDN
Decimation Function
0
Decimation Filter (Default)
1
Direct Down Sampling
Note: Direct down-sampling should only be used when the output sampling rate is higher than
the input sampling rate. When the output sampling rate is equal to or lower than the input
sampling rate, the Decimation Filter must be used in order to avoid aliasing.
DEM[1:0]
Digital De-Emphasis Filter, Manual Configuration
These bits are utilized to enable or disable the digital de-emphasis filter manually. The de-
emphasis filter is intended to process 50/15
μs pre-emphasized audio material at the following
input sampling rates:
DEM1
DEM0
De-Emphasis Filter Function
0
0
De-Emphasis Disabled (Default)
0
1
De-Emphasis Enabled for fS = 48kHz
1
0
De-Emphasis Enabled for fS = 44.1kHz
1
1
De-Emphasis Enabled for fS = 32kHz
Note: When the AUTODEM bit is set to 1, the setting of the DEM0 and DEM1 bits are ignored.
AUTODEM
Automatic De-Emphasis Configuration
This bit enables or disables the automatic de-emphasis function, which monitors the channel
status bits from the DIR function block and determines whether de-emphasis is enabled and for
which sampling frequency. This function is valid for only 50/15
μs pre-emphasized data and one
of the three supported sampling rates (32kHz, 44.1kHz, or 48kHz).
AUTODEM
Automatic De-Emphasis Function
0
Disabled (Default)
1
Enabled
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Links: SRC4392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com