Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4392IPFBT Datasheet(PDF) 6 Page - Texas Instruments

Part # SRC4392IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4392IPFBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SRC4392IPFBT Datasheet HTML 2Page - Texas Instruments SRC4392IPFBT Datasheet HTML 3Page - Texas Instruments SRC4392IPFBT Datasheet HTML 4Page - Texas Instruments SRC4392IPFBT Datasheet HTML 5Page - Texas Instruments SRC4392IPFBT Datasheet HTML 6Page - Texas Instruments SRC4392IPFBT Datasheet HTML 7Page - Texas Instruments SRC4392IPFBT Datasheet HTML 8Page - Texas Instruments SRC4392IPFBT Datasheet HTML 9Page - Texas Instruments SRC4392IPFBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 95 page
background image
SRC4392
SBFS029D – DECEMBER 2005 – REVISED DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: General, SRC, DIR, and DIT (continued)
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise
noted.
SRC4392
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL AUDIO INTERFACE RECEIVER (DIR)
PLL Lock Range
20
216
kHz
Reference Clock Input (RXCKI) Frequency, fRXCKI
3.5
27.7
MHz
Reference Clock Input (RXCKI) Duty Cycle, fRXCKID
45
55
%
Recovered Clock Output (RXCKO) Frequency, fRXCKO
3.5
27.7
MHz
Recovered Clock Output (RXCKO) Duty Cycle, fRXCKOD
45
55
%
Recovered Clock Output (RXCKO) Intrinsic Jitter
Measured cycle-to-cycle
250
ps RMS
DIGITAL AUDIO INTERFACE TRANSMITTER (DIT)
Intrinsic Output Jitter
Measured cycle-to-cycle
200
ps RMS
ELECTRICAL CHARACTERISTICS: Audio Serial Ports
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4392
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AUDIO SERIAL PORTS (Port A and Port B)
LRCK Clock Frequency, fLRCK
0
216
kHz
LRCK Clock Duty Cycle, tLRCKD
50
%
BCK Clock Frequency, fBCK
0
13.824
MHz
BCK High Pulse Width, tBCKH
10
ns
BCK Low Pulse Width, tBCKL
10
ns
Audio Data Input (SDIN) Setup Time, tAIS
10
ns
Audio Data Input (SDIN) Hold Time, tAISH
10
ns
Audio Data Output (SDOUT) Delay, tADD
10
ns
ELECTRICAL CHARACTERISTICS: SPI Interface
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4392
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HOST INTERFACE: SPI Mode
Serial Clock (CCLK) Frequency, fCCLK
0
40
MHz
CS Falling to CCLK Rising, tCSCR
8
ns
CCLK Falling to CS Rising, tCFCS
7
ns
CDIN Data Setup Time, tCDS
7
ns
CDIN Data Hold Time, tCDH
6
ns
CCLK Falling to CDOUT Data Valid, tCFDO
3
ns
CS Rising to CDOUT High-Impedance, tCSZ
3
ns
6
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Links: SRC4392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com