Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7024S/L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 7024S/L
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7024S/L Datasheet(HTML) 1 Page - Renesas Technology Corp

  7024S/L Datasheet HTML 1Page - Renesas Technology Corp 7024S/L Datasheet HTML 2Page - Renesas Technology Corp 7024S/L Datasheet HTML 3Page - Renesas Technology Corp 7024S/L Datasheet HTML 4Page - Renesas Technology Corp 7024S/L Datasheet HTML 5Page - Renesas Technology Corp 7024S/L Datasheet HTML 6Page - Renesas Technology Corp 7024S/L Datasheet HTML 7Page - Renesas Technology Corp 7024S/L Datasheet HTML 8Page - Renesas Technology Corp 7024S/L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
Feb.20.20
7024S/L
HIGH-SPEED
4K x 16 DUAL-PORT
STATIC RAM
◆
◆
◆
◆
◆
IDT7024 easily expands data bus width to 32 bits or more
using the Master/Slave select when cascading more than
one device
◆
◆
◆
◆
◆
M/S = H for BUSY output flag on Master
M/S = L for BUSY input on Slave
◆
◆
◆
◆
◆
Interrupt Flag
◆
◆
◆
◆
◆
On-chip port arbitration logic
◆
◆
◆
◆
◆
Full on-chip hardware support of semaphore signaling
between ports
◆
◆
◆
◆
◆
Fully asynchronous operation from either port
◆
◆
◆
◆
◆
Battery backup operation—2V data retention
◆
◆
◆
◆
◆
TTL-compatible, single 5V (±10%) power supply
◆
◆
◆
◆
◆
Available in 84-pin PGA, Flatpack, PLCC, and 100-pin Thin
Quad Flatpack
◆
◆
◆
◆
◆
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆
◆
◆
◆
◆
Green parts available, see ordering information
Functional Block Diagram
Features
◆
◆
◆
◆
◆
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
◆
◆
◆
◆
◆
High-speed access
– Commercial:15/17/20/25/35/55ns(max.)
– Industrial: 20ns (max.)
– Military:20/25/35/55/70ns(max.)
◆
◆
◆
◆
◆
Low-power operation
– IDT7024S
Active: 750mW (typ.)
Standby: 5mW (typ.)
– IDT7024L
Active: 750mW (typ.)
Standby: 1mW (typ.)
◆
◆
◆
◆
◆
Separate upper-byte and lower-byte control for multiplexed
bus compatibility
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
BUSYL
A11L
A0L
2740 drw 01
UBL
LBL
CEL
OEL
I/O8L-I/O15L
I/O0L-I/O7L
CEL
OEL
R/
WL
SEML
INTL
M/
S
R/
WR
BUSYR
UBR
LBR
CER
OER
I/O8R-I/O15R
I/O0R-I/O7R
A11R
A0R
R/
WR
SEMR
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
12
12
NOTES:
1. (MASTER): BUSY is output; (SLAVE): BUSY is input.
2. BUSY outputs and INT outputs are non-tri-stated push-pull.


Similar Part No. - 7024S/L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7024S15FGB8 IDT-7024S15FGB8 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
7024S15FGB8 IDT-7024S15FGB8 Datasheet
693Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
7024S15FGI8 IDT-7024S15FGI8 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
7024S15FGI8 IDT-7024S15FGI8 Datasheet
693Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
7024S15GGB8 IDT-7024S15GGB8 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 7024S/L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com