Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7024S/L Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 7024S/L
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7024S/L Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 7024S/L Datasheet HTML 15Page - Renesas Technology Corp 7024S/L Datasheet HTML 16Page - Renesas Technology Corp 7024S/L Datasheet HTML 17Page - Renesas Technology Corp 7024S/L Datasheet HTML 18Page - Renesas Technology Corp 7024S/L Datasheet HTML 19Page - Renesas Technology Corp 7024S/L Datasheet HTML 20Page - Renesas Technology Corp 7024S/L Datasheet HTML 21Page - Renesas Technology Corp 7024S/L Datasheet HTML 22Page - Renesas Technology Corp 7024S/L Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
6.42
7024S/L
High-Speed 4K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
22
Feb.20.20
09/12/01:
Page 2 & 3 Added date revision for pin configurations
Page 5 AddedIndustrialtemptothecolumnheadingfor20nstoDCElectricalCharacteristics
Pages8,10,13&15 AddedIndustrialtemptothecolumnheadingsfor20nstoACElectricalCharacteristics
Pages3,5,6,8,10,13&15 RemovedIndustrialtempnotefromalltablesfootnotes
Page 21 AddedIndustrialto20nsorderinginformation
07/25/05:
Page 1 Added green availability to features
Page 21 Added green indicator to ordering information
Page 1 & 21 Replaced old IDT
® logo with the new IDTTM logo
Page21Updatedaddressandphonecontactinformation
10/29/08:
Page 21 Removed "IDT" from orderable part number
06/11/13:
Page 21 Ordering Information. Added T&R
Product Discontinuation Notice - PDN# SP-17-02
Last time buy expires June 15, 2018
Pages 1 & 21 Deleted obsolete Industrial 55ns speed grade and added Industrial 20ns speed grade
Pages 2 & 3 Rotated PLG84 PLCC, FP84 Flatpack and PNG100 TQFP pin configurations to accurately reflect pin 1
orientation
Page 21 Added Orderable Part Information tables
Pages 1 - 23 Rebranded as Renesas datasheet
05/23/18:
Datasheet Document History
01/13/99:
Initiateddatasheetdocumenthistory
Convertedtonewformat
Cosmeticandtypographicalcorrections
Pages 2 and 3 Added additional notes to pin configurations
06/04/99:
Changed drawing format
Page 1 Corrected DSC number
04/04/00:
Replaced IDT logo
Page 6 Corrected typo in Data Retention chart
Changed ±500mV to 0mV in notes
05/19/00:
Page 3 Clarified TA parameter
Page 4 Increasedstoragetemperatureparameter
Pages 5 and 6 DC Electrical parameters–changed wording from "open" to "disabled"
12/05/19:
02/20/20:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com