Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7024S/L Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7024S/L
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7024S/L Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7024S/L Datasheet HTML 15Page - Renesas Technology Corp 7024S/L Datasheet HTML 16Page - Renesas Technology Corp 7024S/L Datasheet HTML 17Page - Renesas Technology Corp 7024S/L Datasheet HTML 18Page - Renesas Technology Corp 7024S/L Datasheet HTML 19Page - Renesas Technology Corp 7024S/L Datasheet HTML 20Page - Renesas Technology Corp 7024S/L Datasheet HTML 21Page - Renesas Technology Corp 7024S/L Datasheet HTML 22Page - Renesas Technology Corp 7024S/L Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
6.42
21
7024S/L
High-Speed 4K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
Feb.20.20
Ordering Information
NOTE:
1. Industrial temperature range is available on selected PLCC packages in low power. For other speeds, packages and powers contact your sales office.
2. Green parts available. For specific speeds, packages and powers contact your local sales office.
2740 drw 21
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
Blank
I(1)
B
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
Military (-55
°C to +125°C)
Compliant to MIL-PRF-38535 QML
PF
G
J
F
100-pin TQFP (PN100, PNG100)
84-pin PGA (GU84)
84-pin PLCC (PL84 / PLG84)
84-pin Flatpack (FP84)
15
17
20
25
35
55
70
Commercial Only
Commercial Only
Commercial, Industrial & Military
Commercial & Military
Commercial & Military
Commercial & Military
Military Only
S
L
Standard Power
Low Power
XXXXX
Device
Type
64K (4K x 16) Dual-Port RAM
7024
Speed in
nanoseconds
A
G(2)
Green
A
Blank
8
Tube or Tray
Tape & Reel
LEAD FINISH (SnPb) parts are Obsolete excluding PGA & Flatpack. Product Discontinuation Notice - PDN# SP-17-02
Note that information regarding recently obsoleted parts are included in this datasheet for customer convenience.
Orderable Part Information
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
15
7024L15JG
PLG84
PLCC
C
7024L15JG8
PLG84
PLCC
C
7024L15PFG
PNG100
TQFP
C
7024L15PFG8
PNG100
TQFP
C
17
7024L17G
GU84
PGA
C
20
7024L20FB
FP84
FPACK
M
7024L20G
GU84
PGA
C
7024L20GB
GU84
PGA
M
7024L20JGI
PLG84
PLCC
I
7024L20JGI8
PLG84
PLCC
I
7024L20PFGI
PNG100
TQFP
I
7024L20PFGI8
PNG100
TQFP
I
25
7024L25G
GU84
PGA
C
7024L25GB
GU84
PGA
M
35
7024L35FB
FP84
FPACK
M
7024L35G
GU84
PGA
C
7024L35GB
GU84
PGA
M
55
7024L55G
GU84
PGA
C
7024L55GB
GU84
PGA
M
70
7024L70GB
GU84
PGA
M
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
17
7024S17G
GU84
PGA
C
20
7024S20G
GU84
PGA
C
25
7024S25G
GU84
PGA
C
7024S25GB
GU84
PGA
M
35
7024S35FB
FP84
FPACK
M
7024S35G
GU84
PGA
C
7024S35GB
GU84
PGA
M
55
7024S55FB
FP84
FPACK
M
7024S55G
GU84
PGA
C
7024S55GB
GU84
PGA
M
70
7024S70FB
FP84
FPACK
M
7024S70GB
GU84
PGA
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com