Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7024S/L Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 7024S/L
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7024S/L Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 7024S/L Datasheet HTML 10Page - Renesas Technology Corp 7024S/L Datasheet HTML 11Page - Renesas Technology Corp 7024S/L Datasheet HTML 12Page - Renesas Technology Corp 7024S/L Datasheet HTML 13Page - Renesas Technology Corp 7024S/L Datasheet HTML 14Page - Renesas Technology Corp 7024S/L Datasheet HTML 15Page - Renesas Technology Corp 7024S/L Datasheet HTML 16Page - Renesas Technology Corp 7024S/L Datasheet HTML 17Page - Renesas Technology Corp 7024S/L Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
6.42
7024S/L
High-Speed 4K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
14
Feb.20.20
2740 drw 13
tDW
tAPS
ADDR"A"
tWC
DATAOUT "B"
MATCH
tWP
R/
W"A"
DATAIN "A"
ADDR"B"
tDH
VALID
(1)
MATCH
BUSY"B"
tBDA
VALID
tBDD
tDDD
(3)
tWDD
tBAA
Timing Waveform of Write with Port-to-Port Read and BUSY(2,4,5)(M/S = VIH)
Timing Waveform of Write with BUSY
NOTES:
1. tWH must be met for both BUSY input (slave) and output (master).
2. BUSY is asserted on port "B" Blocking R/W"B", until BUSY"B" goes HIGH.
3. tWB is only for the 'Slave' Version.
NOTES:
1. To ensure that the earlier of the two ports wins. tAPS is ignored for M/S = VIL (SLAVE).
2. CEL = CER = VIL.
3. OE = VIL for the reading port.
4. If M/S = VIL (slave) then BUSY is an input BUSY"A" = VIL and BUSY"B" = don't care, for this example.
5. All timing is the same for both left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite from port "A".
2740 drw 14
R/
W"A"
BUSY"B"
tWP
tWB
R/
W"B"
tWH
(1)
(2)
(3)
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com