Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7024S/L Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 7024S/L
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7024S/L Datasheet(HTML) 2 Page - Renesas Technology Corp

  7024S/L Datasheet HTML 1Page - Renesas Technology Corp 7024S/L Datasheet HTML 2Page - Renesas Technology Corp 7024S/L Datasheet HTML 3Page - Renesas Technology Corp 7024S/L Datasheet HTML 4Page - Renesas Technology Corp 7024S/L Datasheet HTML 5Page - Renesas Technology Corp 7024S/L Datasheet HTML 6Page - Renesas Technology Corp 7024S/L Datasheet HTML 7Page - Renesas Technology Corp 7024S/L Datasheet HTML 8Page - Renesas Technology Corp 7024S/L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
6.42
7024S/L
High-Speed 4K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
2
Feb.20.20
Description
The IDT7024 is a high-speed 4Kx 16 Dual-Port Static RAM. The
IDT7024isdesignedtobeusedasastand-alone64K-bitDual-PortRAM
orasacombinationMASTER/SLAVEDual-PortRAMfor32-bitormore
wordsystems.UsingtheIDTMASTER/SLAVEDual-PortRAMapproach
in32-bitorwidermemorysystemapplicationsresultsinfull-speed,error-
freeoperationwithouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
featurecontrolledbychipenable(CE)permitstheon-chipcircuitryofeach
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. PLG84 package body is approximately 1.15 in x 1.15 in x .17 in.
FP84 package body is approximately 1.17 in x 1.17 in x .11 in.
4. This package code is used to reference the package diagram.
port to enter a very low standby power mode.
Fabricatedusing CMOShigh-performancetechnology,thesedevices
typicallyoperateononly750mWofpower.Low-power(L)versionsoffer
batterybackupdataretentioncapabilitywithtypicalpowerconsumptionof
500µWfroma2Vbattery.
TheIDT7024ispackagedinaceramic84-pinPGA,an84-pinFlatpack
andPLCC,anda100-pinTQFP.Militarygradeproductismanufactured
incompliancewiththelatestrevisionofMIL-PRF-38535QML,makingit
ideallysuitedtomilitarytemperatureapplicationsdemandingthehighest
levelofperformanceandreliability.
2740 drw 02J
14
15
16
17
18
19
20
21
22
23
24
11
10
9
8
7
6
5
4
3
2
1
84
83
33
34
35
36
37
38
39
40
41
42
43
44
45
13 12
25
26
27
28
29
30
31
32
46
47
48
49
50
51
52
53
72
71
70
69
68
67
66
65
64
63
62
73 74
61
60
59
58
57
56
55
54
82
81
80
79
78
77
76
75
I/O7L
I/O6L
I/O5L
I/O4L
I/O3L
I/O2L
VCC
R/
WL
SEML
CEL
UBL
LBL
N/C
A11L
GND
I/O1L
I/O0L
A10L
A9L
A8L
OEL
I/O9R
I/O10R
I/O11R
I/O12R
I/O13R
I/O14R
GND
I/O15R
GND
N/C
A11R
A10R
A9R
A8R
A7R
OER
R/
WR
SEMR
CER
UBR
LBR
7024
PLG84(4)
84-Pin PLCC
Top View
2740 drw 02F
14 15 16 17 18 19 20 21 22 23 24
11
10
9
8
7
6
5
4
3
2
1
84
83
33
34
35
36
37
38
39
40
41
42
43
44
45
13
12
25 26 27 28 29 30 31 32
46
47
48
49
50
51
52
53
72 71 70 69 68 67 66 65 64 63 62
73
74
61 60 59 58 57 56 55 54
82
81
80
79
78
77
76
75
7024
FP84(4)
I/O7L
I/O6L
I/O5L
I/O4L
I/O3L
I/O2L
VCC
R/
WL
SEML
CEL
UBL
LBL
N/C
A11L
GND
I/O1L
I/O0L
A10L
A9L
A8L
OEL
I/O9R
I/O10R
I/O11R
I/O12R
I/O13R
I/O14R
GND
I/O15R
GND
N/C
A11R
A10R
A9R
A8R
A7R
OER
R/
WR
SEMR
CER
UBR
LBR
84-Pin Flatpack
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com