Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2104 Datasheet(PDF) 13 Page - SMSC Corporation

Part # EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 9Page - SMSC Corporation EMC2104 Datasheet HTML 10Page - SMSC Corporation EMC2104 Datasheet HTML 11Page - SMSC Corporation EMC2104 Datasheet HTML 12Page - SMSC Corporation EMC2104 Datasheet HTML 13Page - SMSC Corporation EMC2104 Datasheet HTML 14Page - SMSC Corporation EMC2104 Datasheet HTML 15Page - SMSC Corporation EMC2104 Datasheet HTML 16Page - SMSC Corporation EMC2104 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
13
Revision 1.74 (05-08-08)
DATASHEET
The pin type are described in detail below. All pins labelled with (5V) are 5V tolerant.
All pin labelled with (2V) should not be exposed to any voltage level greater than 2V.
Table 2.2 Pin Types
PIN TYPE
DESCRIPTION
Power
This pin is used to supply power or ground to the device.
DI
Digital Input - this pin is used as a digital input. This pin is
5V tolerant.
AI
Analog Input - this pin is used as an input for analog
signals.
AO
Analog Output - this pin is used as an output for analog
signals.
AIO
Analog Input / Output - this pin is used as an I/O for analog
signals.
DO
Push / Pull Digital Output - this pin is used as a digital
output. It can both source and sink current.
DIOD
Digital Input / Open Drain Output this pin is used as an
digital I/O. When it is used as an output, It is open drain
and requires a pull-up resistor. This pin is 5V tolerant.
OD
Open Drain Digital Output - this pin is used as a digital
output. It is open drain and requires a pull-up resistor. This
pin is 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com