Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2104 Datasheet(PDF) 77 Page - SMSC Corporation

Part # EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Datasheet(HTML) 77 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 73Page - SMSC Corporation EMC2104 Datasheet HTML 74Page - SMSC Corporation EMC2104 Datasheet HTML 75Page - SMSC Corporation EMC2104 Datasheet HTML 76Page - SMSC Corporation EMC2104 Datasheet HTML 77Page - SMSC Corporation EMC2104 Datasheet HTML 78Page - SMSC Corporation EMC2104 Datasheet HTML 79Page - SMSC Corporation EMC2104 Datasheet HTML 80Page - SMSC Corporation EMC2104 Datasheet HTML 81Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
77
Revision 1.74 (05-08-08)
DATASHEET
The Look Up Table 1 Registers hold the 40 entries of the Look Up Table that controls the drive of Fan
1. As the temperature (or voltage) channels are updated, the measured value for each channel is
compared against the respective entries in the Look Up Table and the associated drive setting is
loaded into an internal shadow register and stored.
The bit weighting for temperature inputs represents °C and is compared against the measured data.
Note that the LUT entry does not include a sign bit. The Look Up Table does not support negative
temperature values and the MSBit should not be set for a temperature input.
The bit weighting for voltage inputs represents mV above 0V and is compared against the measured
data.
53h
R/W
LUT 1 Ext
Diode 2
Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
LUT 1 VIN2
Setting 1
X
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
7Fh
(0.4V)
54h
R/W
LUT 1 Temp
3 Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
LUT 1
Voltage 3
Setting 1
X
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
7Fh
(0.4V)
55h
R/W
LUT 1 Temp
4 Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
...
...
...
...
...
...
...
...
...
...
...
...
.. .
74h
R/W
LUT 1 Drive
Setting 8
‘0’
4096
2048
1024
512
256
128
64
32
92h
‘1’
128
64
32
16
8
4
2
1
75h
R/W
LUT 1 Ext
Diode 1
Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
LUT 1 VIN1
Setting 8
X
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
7Fh
(0.4V)
76h
R/W
LUT 1 Ext
Diode 2
Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
LUT 1 VIN2
Setting 8
X
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
7Fh
(0.4V)
77h
R/W
LUT 1 Temp
3 Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
LUT 1
Voltage 3
Setting 8
X
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
7Fh
(0.4V)
78h
R/W
LUT 1 Temp
4 Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
79h
R/W
LUT 1 Temp
Hysteresis
X
-
-
-
16
84
21
0Ah
Table 6.50 Look Up Table 1 Registers (continued)
ADDR
R/W
REGISTER
TACH /
DRIVE
B7B6
B5B4
B3B2
B1B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com