Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2104 Datasheet(PDF) 76 Page - SMSC Corporation

Part # EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Datasheet(HTML) 76 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 72Page - SMSC Corporation EMC2104 Datasheet HTML 73Page - SMSC Corporation EMC2104 Datasheet HTML 74Page - SMSC Corporation EMC2104 Datasheet HTML 75Page - SMSC Corporation EMC2104 Datasheet HTML 76Page - SMSC Corporation EMC2104 Datasheet HTML 77Page - SMSC Corporation EMC2104 Datasheet HTML 78Page - SMSC Corporation EMC2104 Datasheet HTML 79Page - SMSC Corporation EMC2104 Datasheet HTML 80Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
76
SMSC EMC2104
DATASHEET
Bits 1-0 - TEMP4_CFG[1:0] - These bits determine the temperature channel that is used for the
Temperature 4 inputs to the Look Up Table as shown in Table 6.49.
APPLICATION NOTE: When any of the External Diode 1, External Diode 2, and External Diode 3 channels are
configured to operate as voltage inputs, the voltage data is used in the Look Up Table instead
of the corresponding temperature data. Therefore, the threshold settings must be updated
accordingly. All voltage channels (including VIN1, VIN2, and VIN3) are assumed to be
increasing (i.e. a larger voltage reading indicates a higher fan speed).
6.33
Look Up Table 1 Registers
Table 6.48 TEMP3_CFG Decode
TEMP3_CFG [1:0]
TEMPERATURE CHANNEL USED
10
0
0
External Diode 3 (default)
0
1
TRIP_SET / VIN4 Voltage
10
Pushed Temperature 1 (LUT1)
Pushed Temperature 3 (LUT2)
1
1
Reserved
Table 6.49 TEMP4_CFG Decode
TEMP4_CFG [1:0]
TEMPERATURE CHANNEL USED
10
0
0
Internal Diode (default)
0
1
External Diode 4
10
Pushed Temperature 2 (LUT1)
Pushed Temperature 4 (LUT2)
11
Reserved
Table 6.50 Look Up Table 1 Registers
ADDR
R/W
REGISTER
TACH /
DRIVE
B7B6
B5B4
B3B2
B1B0
DEFAULT
51h
R/W
LUT 1 Drive
Setting 1
‘0’
4096
2048
1024
512
256
128
64
32
FBh
‘1’
128
64
32
16
8
4
2
1
52h
R/W
LUT 1 Ext
Diode 1
Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
LUT 1 VIN1
Setting 1
X
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
7Fh
(0.4V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com