Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2104 Datasheet(PDF) 25 Page - SMSC Corporation

Part # EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 21Page - SMSC Corporation EMC2104 Datasheet HTML 22Page - SMSC Corporation EMC2104 Datasheet HTML 23Page - SMSC Corporation EMC2104 Datasheet HTML 24Page - SMSC Corporation EMC2104 Datasheet HTML 25Page - SMSC Corporation EMC2104 Datasheet HTML 26Page - SMSC Corporation EMC2104 Datasheet HTML 27Page - SMSC Corporation EMC2104 Datasheet HTML 28Page - SMSC Corporation EMC2104 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
25
Revision 1.74 (05-08-08)
DATASHEET
5.2
Fan Control Modes of Operation
The EMC2104 has four modes of operation for each fan driver. Each mode of operation uses the Ramp
Rate control and Spin Up Routine.
1. Direct Setting Mode- in this mode of operation, the user directly controls the fan drive setting.
Updating the Fan Driver Setting Register (see Section 6.20) will instantly update the fan drive.
Ramp Rate control is optional and enabled via the EN_RRC bits.
This is the default mode. The Direct Setting Mode is enabled by clearing the LUT_LOCK bit
in the Look Up Table Configuration Register (see Section 6.32) while the TACH / DRIVE bit
is set to ‘0’.
Whenever the Direct Setting Mode is enabled the current drive will be changed to what was
last written into the Fan Driver Setting Register.
2. Fan Speed Control Mode (FSC) - in this mode of operation, the user determines a target
tachometer count and the drive setting is automatically updated to achieve this target speed. The
algorithm uses the Spin Up Routine and has user definable ramp rate controls.
This mode is enabled by clearing the LUT_LOCK bit in the Look Up Table (LUT)
Configuration Register and setting the EN_ALGO bit in the Fan Configuration Register.
3. Using the Look Up Table with Fan Drive Settings (Direct Setting w/ LUT Mode) - In this mode of
operation, the user programs the Look Up Table with fan drive settings and corresponding
temperature thresholds. The fan drive is set based on the measured temperatures and the
corresponding drive settings. Ramp Rate control is optional and enabled via the EN_RRC bits.
This mode is enabled by programming the Look Up Table then setting the LUT_LOCK bit
while the TACH / DRIVE bit is set to ‘1’.
The TACH / DRIVE bit in the Look Up Table Configuration Register MUST be set to ‘1’ or
the fan drive settings will be incorrectly set. Setting this bit to ‘1’ ensures the settings will be
PWM settings.
4. Using the Look Up Table with RPM Target Settings (FSC w/ LUT Mode) - In this mode of operation,
the user programs the Look Up Table with TACH Target values and corresponding temperature
thresholds. The TACH Target will be set based on the measured temperatures and the
corresponding target settings. The fan drive settings will be determined automatically based on the
RPM based Fan Speed Control Algorithm
This mode is enabled by programming the Look Up Table then setting the LUT_LOCK bit
while the TACH / DRIVE bit is set to ‘0’
83
115
698
115
147
7870
84
116
750
116
148
9090
85
117
787
117
149
10700
86
118
845
118
150
12700
87
119
909
119
151
15800
88
120
953
120
152
20500
89
121
1020
121
153
29400
90
122
1100
122
154
49900
91
123
1150
60
92
Open
Table 5.2 TRIP_SET Resistor Setting (continued)
TTRIP (°C)
LOW RANGE
TTRIP (°C)
HIGH RANGE
RSET (1%)
TTRIP (°C)
LOW RANGE
TTRIP (°C)
HIGH RANGE
RSET (1%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com