Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2104 Datasheet(PDF) 58 Page - SMSC Corporation

Part # EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Datasheet(HTML) 58 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 54Page - SMSC Corporation EMC2104 Datasheet HTML 55Page - SMSC Corporation EMC2104 Datasheet HTML 56Page - SMSC Corporation EMC2104 Datasheet HTML 57Page - SMSC Corporation EMC2104 Datasheet HTML 58Page - SMSC Corporation EMC2104 Datasheet HTML 59Page - SMSC Corporation EMC2104 Datasheet HTML 60Page - SMSC Corporation EMC2104 Datasheet HTML 61Page - SMSC Corporation EMC2104 Datasheet HTML 62Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
58
SMSC EMC2104
DATASHEET
‘1’ - The VIN4 channel data is inverted. The data presented to the reading registers and compared
against the limits is determined as FFh - the measured input voltage.
APPLICATION NOTE: If the TRIP_SET / VIN4 pin is configured to be used to set the Critical / Thermal Shutdown
temperature associated with the External Diode 1 channel, then this bit cannot be set.
Bit 5 - VIN3_EN - Enables the voltage mode on the External Diode 3 channel.
‘0’ (default) - The External Diode 3 channel operates as a diode channel.
‘1’ - The External Diode 3 channel operates as a voltage input. The DP3 / DN4 / VREF_T3 pin
acts as a reference output voltage and the DN3 / DP4 /. VIN3 pin acts as a voltage input. This
overrides the APD bit in the Configuration 1 Register (20h).
Bit 4 - VIN3_INV - Determines whether the VIN3 channel data is inverted.
Bit 3 - VIN2_EN - Enables the voltage mode on the External Diode 2 channel.
Bit 2 - VIN2_INV - Determines whether the VIN2 channel data is inverted.
Bit 1 - VIN1_EN - Enables the voltage mode on the External Diode 1 channel.
Bit 0 - VIN1_INV - Determines whether the VIN1 channel data is inverted.
APPLICATION NOTE: If the TRIP_SET / VIN4 pin is configured to be used to set the Critical / Thermal Shutdown
temperature associated with the External Diode 1 channel, then neither Bit 1 nor Bit 0 can
be set.
6.12
Interrupt Status Register
The Interrupt Status Register reports the operating condition of the EMC2104. If any of the bits are set
to a logic ‘1’ (other than TSD and HWS) then the ALERT# pin will be asserted low if the corresponding
channel is enabled. Reading from the status register clears all status bits if the error conditions is
removed. If there are no set status bits, then the ALERT# pin will be released.
The bits that cause the ALERT# pin to be asserted can be masked based on the channel they are
associated with unless stated otherwise.
Bit 6 - TSD - This bit is set to ‘1’ if the internal Thermal Shutdown (TSD) circuit trips indicating that the
die temperature has exceeded its threshold. When this bit is set, it will not cause the ALERT# pin to
be asserted however will coincide with the SYS_SHDN# pin being asserted. This bit is cleared when
the register is read and the error condition has been removed.
Bit 5 - TCRIT - This bit is set to ‘1’ whenever the any bit in the Tcrit Status Register is set. This bit is
automatically cleared when the Tcrit Status Register is cleared.
Bit 4 - GPIO - This bit is set to ‘1’ if any of the bits in the GPIO Status Registers are set.
Bit 3 - FAN - This bit is set to ‘1’ if any bit in the Fan Status Register is set. This bit is automatically
cleared when the Fan Status Register is read and the bits are cleared.
Bit 2 - HIGH - This bit is set to ‘1’ if any bit in the High Status Register is set. This bit is automatically
cleared when the High Status Register is read and the bits are cleared.
Table 6.17 Interrupt Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
23h
R-C
Interrupt
Status
Register
-
TSD
TCRIT
GPIO
FAN
HIGH
LOW
FAULT
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com