Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2104 Datasheet(PDF) 64 Page - SMSC Corporation

Part # EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 60Page - SMSC Corporation EMC2104 Datasheet HTML 61Page - SMSC Corporation EMC2104 Datasheet HTML 62Page - SMSC Corporation EMC2104 Datasheet HTML 63Page - SMSC Corporation EMC2104 Datasheet HTML 64Page - SMSC Corporation EMC2104 Datasheet HTML 65Page - SMSC Corporation EMC2104 Datasheet HTML 66Page - SMSC Corporation EMC2104 Datasheet HTML 67Page - SMSC Corporation EMC2104 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
64
SMSC EMC2104
DATASHEET
APPLICATION NOTE: If any of the External Diode 1, External Diode 2, External Diode 3 is configured to operate
as a voltage input, then the corresponding temperature high and low limit registers are
compared against the measured voltage. The data format is the same as the measured
voltage and these registers should be updated accordingly.
Additionally, the EMC2104 contains low limits for all temperature channels. If the temperature channel
drops below the low limit, then the appropriate status bit is set and the ALERT# pin are asserted (if
enabled).
All Limit Registers are Software Locked.
6.20
Fan Setting Registers
The Fan 1 Setting Register always displays the current setting of the Fan 1 Driver.Likewise, the Fan
2 Setting Register always displays the current setting of the Fan 2 driver. Reading from either register
will report the current fan speed setting of the appropriate fan driver regardless of the operating mode.
Therefore it is possible that reading from this register will not report data that was previously written
into this register.
While the RPM based Fan Speed Control Algorithm or the Look Up Table are active (or both), then
the register is read only. Writing to the register will have no affect and the data will not be stored.
If both the RPM based Fan Control Algorithm and the Look Up Table are disabled, then the register
will be set with the previous value that was used. The register is read / write and writing to this register
will affect the fan speed.
If the Fan 2 fan driver is disabled and the DAC2 / PWM2 / GPIO2 and TACH2 / GPIO1 pins are used
as GPIOs, then the Fan 2 Setting Register will read 00h.
The contents of the register represent the weighting of each bit in determining the final output voltage.
The output drive for a PWM output is given by Equation [2].
6.21
PWM 1 and 2 Divide Registers
Table 6.26 Fan Driver Setting Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
40h
R/W
Fan 1 Setting
128
64
32
16
8
4
2
1
00h
80h
R/W
Fan 2 Setting
128
64
32
16
8
4
2
1
00h
[2]
Table 6.27 PWM 1 and 2 Divide Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
41h
R/W
PWM 1 Divide
128
64
32
16
8
4
2
1
01h
81h
R/W
PWM 2 Divide
128
64
32
16
8
4
2
1
01h
Drive
VALUE
255
---------------------
⎝⎠
⎛⎞
100%
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com