Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2104 Datasheet(PDF) 53 Page - SMSC Corporation

Part # EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Datasheet(HTML) 53 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 49Page - SMSC Corporation EMC2104 Datasheet HTML 50Page - SMSC Corporation EMC2104 Datasheet HTML 51Page - SMSC Corporation EMC2104 Datasheet HTML 52Page - SMSC Corporation EMC2104 Datasheet HTML 53Page - SMSC Corporation EMC2104 Datasheet HTML 54Page - SMSC Corporation EMC2104 Datasheet HTML 55Page - SMSC Corporation EMC2104 Datasheet HTML 56Page - SMSC Corporation EMC2104 Datasheet HTML 57Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
53
Revision 1.74 (05-08-08)
DATASHEET
6.6
Beta Configuration Registers
The Beta Configuration Registers control advanced temperature measurement features for each
External Diode channel. The Beta Configuration Registers are software locked. The External Diode 1
Beta Configuration Register Is hardware locked if the SHDN_SEL pin is not set to disable the Critical
/ Thermal Shutdown functionality (see Table 6.1).
Bit 4 - AUTO - Enables the Automatic Beta detection algorithm.
‘0’ - The Automatic Beta detection algorithm is disabled. The BETAx[3:0] bit settings will be used
to control the beta compensation circuitry.
‘1’ (default) - The Automatic Beta detection algorithm is enabled. The circuitry will automatically
detect the transistor type and beta values and configure the BETAx[3:0] bits for optimal
performance.
Bits 3 - 0 - BETAx[3:0] - hold a value that corresponds to a range of betas that the Beta Compensation
circuitry can compensate for. These four bits will always show the current beta setting used by the
circuitry. If the AUTO bit is set (default), then these bits may updated by the device with every
temperature conversion. If the AUTO bit is not set, then the value of these bits is used to drive the
beta compensation circuitry. In this case, these bits should be set with a value corresponding to the
lowest expected value of beta for the PNP transistor being used as a temperature sensing device.
See Table 6.9 for supported beta ranges. A value of 1111b indicates that the beta compensation
circuitry is disabled. In this condition, the diode channels will function with default current levels and
will not automatically adjust for beta variation. This mode is used when measuring a discrete 2N3904
transistor or AMD thermal diode.
All of the Beta Configuration Registers are Software Locked.
Table 6.8 Beta Configuration Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
14h
R/W
External Diode 1
Beta
Configuration
-
-
-
AUTO
BETA1[3:0]
10h
15h
R/W
External Diode 2
Beta
Configuration
-
-
-
AUTO
BETA2[3:0]
10h
16h
R/W
External Diode 3
Beta
Configuration
-
-
-
AUTO
BETA3[3:0]
10h
Table 6.9 Beta Compensation Look Up Table
AUTO
BETAX[3:0]
MINIMUM BETA
3210
0
0000
0.050
0
0001
0.066
0
0010
0.087
0
0011
0.114
0
0100
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com