Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2104 Datasheet(PDF) 33 Page - SMSC Corporation

Part # EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 29Page - SMSC Corporation EMC2104 Datasheet HTML 30Page - SMSC Corporation EMC2104 Datasheet HTML 31Page - SMSC Corporation EMC2104 Datasheet HTML 32Page - SMSC Corporation EMC2104 Datasheet HTML 33Page - SMSC Corporation EMC2104 Datasheet HTML 34Page - SMSC Corporation EMC2104 Datasheet HTML 35Page - SMSC Corporation EMC2104 Datasheet HTML 36Page - SMSC Corporation EMC2104 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
33
Revision 1.74 (05-08-08)
DATASHEET
5.8
Ramp Rate Control
The Fan Driver can be configured with automatic ramp rate control. Ramp rate control is accomplished
by adjusting the drive output settings based on the Maximum Fan Step Register settings and the
Update Time settings.
If the RPM based Fan Speed Control Algorithm is used, then this ramp rate control is automatically
used. The user programs a maximum step size for the fan drive setting and an update time. The
update time varies from 100ms to 1.6s while the fan drive maximum step can vary from 1 count to 31
counts.
When a new fan drive setting is entered, the delta from the next fan drive setting and the previous fan
drive setting is determined. If this delta is greater than the Max Step settings, then the fan drive setting
is incrementally adjusted every 100ms to 1.6s as determined by the Update Time until the target fan
drive setting is reached. See Figure 5.6.
Figure 5.5 Spin Up Routine
100%
(optional)
30% through 65%
Algorithm controlled drive
Fan Step
Spin Up Time
¼ of Spin Up Time
Update Time
Target Count
Changed
Target Count
Reached
New Target Count
Prev Target
Count = FFh
Check TACH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com